Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8178 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 1 Page - California Eastern Labs

  PC8178 Datasheet HTML 1Page - California Eastern Labs PC8178 Datasheet HTML 2Page - California Eastern Labs PC8178 Datasheet HTML 3Page - California Eastern Labs PC8178 Datasheet HTML 4Page - California Eastern Labs PC8178 Datasheet HTML 5Page - California Eastern Labs PC8178 Datasheet HTML 6Page - California Eastern Labs PC8178 Datasheet HTML 7Page - California Eastern Labs PC8178 Datasheet HTML 8Page - California Eastern Labs PC8178 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DESCRIPTION
The μPC8178TK is a silicon monolithic integrated circuit designed as amplifier for mobile communications. This IC
can realize low current consumption with external chip inductor which can not be realized on internal 50 Ω
wide band matched IC. μPC8178TK adopts 6-pin lead-less minimold package using same chip as the conventional
μ
PC8178TB in 6-pin super minimold.
TK suffix IC which is smaller package than TB suffix IC contributes to reduce mounting space by 50 %.
This IC is manufactured using our 30 GHz fmax UHS0 (Ultra High Speed Process) silicon bipolar process.
FEATURES
• Low current consumption
: ICC = 1.9 mA TYP. @ VCC = 3.0 V
V
:
e
g
a
tl
o
v
yl
p
p
u
S
•
CC
= 2.4 to 3.3 V
• Excellent isolation
: ISL = 40 dB TYP. @ f = 1.0 GHz
z
H
G
9
.
1
=
f
@
.
P
Y
T
B
d
1
4
=
L
S
I
z
H
G
4
.
2
=
f
@
.
P
Y
T
B
d
2
4
=
L
S
I
G
:
ni
a
g
r
e
w
o
P
•
P
= 11.0 dB TYP. @ f = 1.0 GHz
GP = 11.0 dB TYP. @ f = 1.9 GHz
GP = 11.0 dB TYP. @ f = 2.4 GHz
• Gain 1 dB compression output power : PO (1 dB) = −5.5 dBm TYP. @ f = 1.0 GHz
PO (1 dB) = −8.0 dBm TYP. @ f = 1.9 GHz
PO (1 dB) = −8.0 dBm TYP. @ f = 2.4 GHz
• Operating frequency
: 0.1 to 2.4 GHz (Output port LC matching)
• High-density surface mounting
: 6-pin lead-less minimold package (1.5 × 1.3 × 0.55 mm)
)
e
ul
a
v
d
r
a
d
n
a
t
S
(
g
m
3
:
t
h
gi
e
w
t
h
gi
L
•
APPLICAION
• Buffer amplifiers on 0.1 to 2.4 GHz mobile communications system
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
μ
PC8178TK
SILICON MMIC LOW CURRENT AMPLIFIER
FOR MOBILE COMMUNICATIONS
Document No. PU10063EJ02V0DS (2nd edition)
Date Published March 2005 CP(K)
The mark shows major revised points.


Similar Part No. - PC8178

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC817 SHARP-PC817 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
More results

Similar Description - PC8178

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com