Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8178 Datasheet(PDF) 13 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 13 Page - California Eastern Labs

Back Button PC8178 Datasheet HTML 9Page - California Eastern Labs PC8178 Datasheet HTML 10Page - California Eastern Labs PC8178 Datasheet HTML 11Page - California Eastern Labs PC8178 Datasheet HTML 12Page - California Eastern Labs PC8178 Datasheet HTML 13Page - California Eastern Labs PC8178 Datasheet HTML 14Page - California Eastern Labs PC8178 Datasheet HTML 15Page - California Eastern Labs PC8178 Datasheet HTML 16Page - California Eastern Labs PC8178 Datasheet HTML 17Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VCC = 3.3 V
3.0 V
2.4 V
2.7 V
5
10
0
–5
–10
–15
–20
–25
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
5
10
0
–5
–10
–15
–20
–25
–30
010
–10
–20
–30
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
0
–10
–20
0
–10
–20
010
–10
–20
+25
°C
TA = –40
°C
+85
°C
OIP3 = 5.0 dBm
OIP3 = 4.2 dBm
OIP3 = 5.3 dBm
0
–10
–20
–30
0
–10
–20
IM3 (des)
Pout (des)
Pout (undes)
IM3 (undes)
Pout (des)
Pout (undes)
IM3 (des)
IM3 (undes)
IM3 (des)
IM3 (undes)
Pout (des)
Pout (undes)
Pout (des)
Pout (undes)
IM3 (des)
VCC = 3.0 V
f = 1.0 GHz
OIP3 = 3.5 dBm
VCC = 2.4 V
f1 = 1 000 MHz
f2 = 1 001 MHz
VCC = 3.3 V
f1 = 1 000 MHz
f2 = 1 001 MHz
IM3 (undes)
VCC = 3.0 V
f1 = 1 000 MHz
f2 = 1 001 MHz
VCC = 2.7 V
f1 = 1 000 MHz
f2 = 1 001 MHz
f = 1.0 GHz
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Remark The graphs indicate nominal characteristics.
Data Sheet PU10063EJ02V0DS
13
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com