Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8178 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 5 Page - California Eastern Labs

  PC8178 Datasheet HTML 1Page - California Eastern Labs PC8178 Datasheet HTML 2Page - California Eastern Labs PC8178 Datasheet HTML 3Page - California Eastern Labs PC8178 Datasheet HTML 4Page - California Eastern Labs PC8178 Datasheet HTML 5Page - California Eastern Labs PC8178 Datasheet HTML 6Page - California Eastern Labs PC8178 Datasheet HTML 7Page - California Eastern Labs PC8178 Datasheet HTML 8Page - California Eastern Labs PC8178 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25°C, Pin 4, Pin 6
3.6
V
Circuit Current
ICC
TA = +25°C
15
mA
Power Dissipation
PD
TA = +85°C
Note
232
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25°C
+5
dBm
Note Mounted on double-sided copper-clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remarks
Supply Voltage
VCC
2.4
3.0
3.3
V
The same voltage should be applied to
pin 4 and pin 6.
Operating Ambient Temperature
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = +25
°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω, at LC matched frequency)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal
1.4
1.9
2.4
mA
Power Gain
GP
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
9.0
9.0
9.0
11.0
11.0
11.0
13.0
13.5
13.5
dB
Isolation
ISL
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
35.0
36.0
37.0
40.0
41.0
42.0
−
−
−
dB
Gain 1 dB Compression Output
Power
PO(1 dB)
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
−8.0
−11.0
−11.5
−5.5
−8.0
−8.0
−
−
−
dBm
Noise Figure
NF
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
−
−
−
5.5
5.5
5.5
7.0
7.0
7.0
dB
Input Return Loss
RLin
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
4.0
5.0
6.5
7.0
8.0
9.5
−
−
−
dB
Data Sheet PU10063EJ02V0DS
5
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com