Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8178 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PC8178 Datasheet HTML 2Page - California Eastern Labs PC8178 Datasheet HTML 3Page - California Eastern Labs PC8178 Datasheet HTML 4Page - California Eastern Labs PC8178 Datasheet HTML 5Page - California Eastern Labs PC8178 Datasheet HTML 6Page - California Eastern Labs PC8178 Datasheet HTML 7Page - California Eastern Labs PC8178 Datasheet HTML 8Page - California Eastern Labs PC8178 Datasheet HTML 9Page - California Eastern Labs PC8178 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TEST CIRCUITS
<1> f = 1.0 GHz
Strip Line : 5 mm
IN
OUT
L1
4
2, 3, 5
6
1
C1
C2
C3
C5
Output port matching circuit
C4
C6
DUT
VCC
Strip Line : 1 mm
<2> f = 1.9 GHz
IN
OUT
L1
4
2, 3, 5
6
1
C1
C2
C3
C6
Output port matching circuit
C5
C4
C7
DUT
VCC
Strip Line : 7 mm
<3> f = 2.4 GHz
IN
OUT
L2
4
2, 3, 5
6
1
C1
C2
C5
Output port matching circuit
C4
C3
C6
DUT
VCC
Strip Line : 3 mm
Strip Line : 4 mm
L1
Data Sheet PU10063EJ02V0DS
6
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com