Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8178 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 4 Page - California Eastern Labs

  PC8178 Datasheet HTML 1Page - California Eastern Labs PC8178 Datasheet HTML 2Page - California Eastern Labs PC8178 Datasheet HTML 3Page - California Eastern Labs PC8178 Datasheet HTML 4Page - California Eastern Labs PC8178 Datasheet HTML 5Page - California Eastern Labs PC8178 Datasheet HTML 6Page - California Eastern Labs PC8178 Datasheet HTML 7Page - California Eastern Labs PC8178 Datasheet HTML 8Page - California Eastern Labs PC8178 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PIN CONNECTIONS
Pin No.
Pin Name
1
INPUT
2
GND
3
GND
4
OUTPUT
5
GND
1
2
3
6
(Top View)
5
4
6
5
4
1
(Bottom View)
2
3
6
VCC
PIN EXPLANATION
Pin
No.
Pin
Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Note
Function and Applications
Internal Equivalent Circuit
1
INPUT
−
0.90
Signal input pin. A internal
matching circuit, configured with
resisters, enables 50
Ω connection
over a wide band. This pin must
be coupled to signal source with
capacitor for DC cut.
2
3
5
GND
0
−
Ground pin. This pin should be
connected to system ground with
minimum inductance. Ground
pattern on the board should be
formed as wide as possible.
All the ground pins must be con-
nected together with wide ground
pattern to decrease impedance
defference.
4
OUTPUT
Voltage
as same
as VCC
through
external
inductor
−
Signal output pin. This pin is de-
signed as collector output. Due to
the high impedance output, this pin
should be externally equipped with
LC matching circuit to next stage.
For L, a size 1 005 chip inductor
can be chosen.
6
VCC
2.4 to 3.3
−
Power supply pin. This pin should
be externally equipped with bypass
capacitor to minimize its
impedance.
2
3
5
6
4
1
Note Pin voltage is measured at VCC = 3.0 V.
Data Sheet PU10063EJ02V0DS
4
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com