Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8178 Datasheet(PDF) 12 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 12 Page - California Eastern Labs

Back Button PC8178 Datasheet HTML 8Page - California Eastern Labs PC8178 Datasheet HTML 9Page - California Eastern Labs PC8178 Datasheet HTML 10Page - California Eastern Labs PC8178 Datasheet HTML 11Page - California Eastern Labs PC8178 Datasheet HTML 12Page - California Eastern Labs PC8178 Datasheet HTML 13Page - California Eastern Labs PC8178 Datasheet HTML 14Page - California Eastern Labs PC8178 Datasheet HTML 15Page - California Eastern Labs PC8178 Datasheet HTML 16Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
TA =
–40
°C
+25
°C
+85
°C
TA = –40
°C
+
25
°C
+
85
°C
0
2
4
6
8
10
12
14
16
18
20
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
1
1
1
TA = –40
°C
+25
°C
+85
°C
S21-FREQUENCY
S11-FREQUENCY
S12-FREQUENCY
S22-FREQUENCY
S21 log
MAG
2 dB/
REF 0 dB
1 : 11.053 dB
S22 log
MAG
2 dB/
REF 0 dB
1 : –13.758 dB
S11 log
MAG
2 dB/
REF 0 dB
1 : –6.8297 dB
Pin = –30 dBm, VCC = 3.0 V
MARKER 1
f = 1.0 GHz
Pin = –30 dBm, VCC = 3.0 V
MARKER 1
f = 1.0 GHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
TA = –40
°C
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
1
S12 log
MAG
5 dB/
REF –20 dB
1 : –39.127 dB
Pin =
−30 dBm, VCC = 3.0 V
MARKER 1
f = 1.0 GHz
+85
°C
+25
°C
Pin = –30 dBm, VCC = 3.0 V
MARKER 1
f = 1.0 GHz
Remark The graphs indicate nominal characteristics.
Data Sheet PU10063EJ02V0DS
12
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com