Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 20 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 20 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 16Page - VTI technologies SCA3000 Datasheet HTML 17Page - VTI technologies SCA3000 Datasheet HTML 18Page - VTI technologies SCA3000 Datasheet HTML 19Page - VTI technologies SCA3000 Datasheet HTML 20Page - VTI technologies SCA3000 Datasheet HTML 21Page - VTI technologies SCA3000 Datasheet HTML 22Page - VTI technologies SCA3000 Datasheet HTML 23Page - VTI technologies SCA3000 Datasheet HTML 24Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
20/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Address: 14h
Register name: MODE, operation mode selection
Bits
Mode
Initial
Value
Name
Description
7
RW
0
BUF_EN
Output ring buffer
1 – Enabled
0 – Disabled (Buffer in power down)
6
RW
0
BUF_8BIT
Output ring buffer data length
1 – Ring buffer is read in single 8 bit frame per
stored axis (8 bit mode)
0 – Ring buffer is read in two 8 bit frames per
stored axis (11 bit mode). Unused bits are
set to 0.
5
Reserved
4
RW
0
FFD_EN
Free-fall detection
1 – Enabled
0 – Disabled (detection in power down)
3
Reserved
2:0
RW
000
MODE_BITS
Selects SCA3000 series operation mode
000 – Normal measurement mode
010 – Optional measurement mode 1 (see Table 2)
001 – Optional measurement mode 2 (see Table 2)
011 – MD, Motion Detector
Other combinations are reserved
Address: 17h
Register name: I2C_RD_SEL, register address for I
2C read operation
Bits
Mode
Initial
Value
Name
Description
7:0
W
00h
ADDR
Address of register to be read via I
2C. Register is
used only for I
2C read access.
Address: 18h
Register name: CTRL_SEL, Control register selector, UNLOCK REQUIRED
Bits
Mode
Initial
Value
Name
Description
7:5
RW
000
Reserved
4:0
RW
00000
SELECT
Indirect control registers,
select register address for read / write access:
00001 – I2C_DISABLE
00010 – MD_CTRL (Motion Detector control)
00011 – MD_Y_TH (Motion Detector Y-
threshold)
00100 – MD_X_TH (Motion Detector X-
threshold)
00101 – MD_Z_TH (Motion Detector Z-
threshold)
01011 – OUT_CTRL (Output control)
Other combinations are reserved
CTRL_SEL register works as an address pointer for registers listed below. When this register is
written the content of selected register is available for reading/writing from/to register CTRL_DATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com