Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 29 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 29 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 25Page - VTI technologies SCA3000 Datasheet HTML 26Page - VTI technologies SCA3000 Datasheet HTML 27Page - VTI technologies SCA3000 Datasheet HTML 28Page - VTI technologies SCA3000 Datasheet HTML 29Page - VTI technologies SCA3000 Datasheet HTML 30Page - VTI technologies SCA3000 Datasheet HTML 31Page - VTI technologies SCA3000 Datasheet HTML 32Page - VTI technologies SCA3000 Datasheet HTML 33Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
29/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
5
Electrical Characteristics
All voltages are reference to ground. Currents flowing into the circuit have positive values.
5.1
Absolute maximum ratings
The absolute maximum ratings of the SCA3000 are presented in Table 15 below.
Table 15. Absolute maximum ratings of the SCA3000
Parameter
Value
Unit
Supply voltage (Vdd)
-0.3 to +3.6
V
Voltage at input / output pins
-0.3 to (Vdd + 0.3)
V
ESD (Human body model)
±2
kV
Storage temperature
-40 ... +125
°C
Storage / operating temperature
-40 ... +85
°C
Mechanical shock *
> 10 000
g
Ultrasonic cleaning
Not allowed
* 1 m drop on concrete may cause >>10000 g shock.
ULTRASONIC AGITATION NOT ALLOWED.
5.2
Power Supply
Please refer to the corresponding product datasheet.
5.3
Digital I/O Specification
5.3.1
Digital I/O DC characteristics
Table 16. DC characteristics of digital I/O pins.
No.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input: CSB, MOSI, Xreset,
SCK_SCL has no pull up / pull down
1
Pull up current:
CSB
VIN = 0 V
IPU
10
50
µA
2
Pull down current:
MOSI
VIN = Dvio
IPD
10
50
µA
3
Pull up current
Xreset
VIN = 0 V
IPU
3
10
µA
4
Input high voltage
VIH
0.7*Dvio
V
5
Input low voltage
VIL
0.3*Dvio
V
6
Hysteresis
VHYST
0.1*Dvio
V
Output terminal: MISO_SDA, INT
7
Output high voltage
I > -4 mA
VOH
0.8*Dvio
Dvio
V
8
Output low voltage
I < 4 mA
VOL
0
0.2*Dvio
V
9
Tristate leakage
0 < VMISO < 2.7 V
ILEAK
-2
2
µA
5.3.2
Digital I/O level shifter
All the SCA3000 products have an internal level shifter that can be used to interface e.g. a micro
controller using lower supply than the SCA3000. The level shifter is "programmed" by providing the
supply voltage of the interfaced device to the DVIO-pin. Please refer to the corresponding product
data sheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com