Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 13 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 13 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies SCA3000 Datasheet HTML 12Page - VTI technologies SCA3000 Datasheet HTML 13Page - VTI technologies SCA3000 Datasheet HTML 14Page - VTI technologies SCA3000 Datasheet HTML 15Page - VTI technologies SCA3000 Datasheet HTML 16Page - VTI technologies SCA3000 Datasheet HTML 17Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
13/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
2.5.3
Examples
A simple example of output ring buffer usage:
1.
Write "10000000" (C0h) into MODE register (enable output ring buffer, BUF_EN = '1')
2.
Acceleration data can be read normally
3.
INT-pin is activated when buffer is ½ full, see section 2.7 for detailed INT-pin information.
In the next example, the output Ring Buffer is configured to sample only the Z-axis acceleration
data with 8 bit resolution and reduced data rate (only every second sample is stored into output
ring buffer). In addition, the SCA3000 is configured to give an interrupt when the output ring buffer
is ¾ full:
1.
Write "11000000" (C0h) into the MODE register (enable output ring buffer, BUF_EN = '1',
set data length to 8 bits, BUF_8BIT = '1')
2.
Write "00000000" (00h) into UNLOCK register
3.
Write "01010000" (50h) into UNLOCK register
4.
Write "10100000" (A0h) into UNLOCK register
5.
Write "00001011" (0Bh) into CTRL_SEL register (to select indirect OUT_CTRL register)
Unlock sequence for register lock
6.
Write "00000101" (03h) into CTRL_DATA register (this data is written into OUT_CTRL
register, store Z-axis data, BUF_Z_EN = '1', divide data rate by 2, BUF_RATE = '01')
7.
Write "10000001" (81h) into INT_MASK register (set buffer interrupt level to ¾ full,
BUF_F_EN = '1', set INT-pin to active high, INT_ACT = '1')
8.
Acceleration data can be read normally for all axis and with full resolution. The buffer data
can be read from BUF_DATA register
9.
INT-pin is activated when the output ring buffer is ¾ full of Z-axis acceleration data, see
section 2.7 for detailed INT-pin information.
2.6
Temperature measurement
2.6.1
Usage
Nine bit temperature information is available in the TEMP_MSB and TEMP_LSB registers, if the
feature is enabled in the product (see Table 1). The TEMP_MSB register must be read before the
TEMP_LSB register in order to get valid temperature data. Registers are updated with the latest
temperature data when accessed. See section 3.3 for register details.
The temperature registers’ typical output at +23 °C is 256 counts and a 1 °C change in temperature
typically corresponds to a 1.8 LSB change in the SCA3000 temperature output. Temperature
information is converted to [°C] as follows
Equation 1
[]
C
LSB
LSB
Temp
C
C
Temp
dec
°
−
+
°
=
°
8
.
1
256
23
where Temp[°C] is temperature in Celsius and Tempdec is the temperature from TEMP_MSB and
TEMP_LSB registers in decimal format.
2.7
Interrupt function (INT-pin)
2.7.1
Usage
The Motion Detector and Free Fall Detector will generate an interrupt to INT-pin when the
corresponding function is enabled and the interrupt condition is met. The SCA3000's ring buffer will
generate an interrupt when interrupt functionality has been enabled. Setting BUF_F_EN bit in
INT_MASK register "1" results in interrupt when the register is 75% full. Setting BUF_H_EN bit in
INT_MASK register "1" results in interrupt when the register is 50% full.
Setting INT_ALL bit in INT_MASK register will mask all interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com