Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 7 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 7 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 3Page - VTI technologies SCA3000 Datasheet HTML 4Page - VTI technologies SCA3000 Datasheet HTML 5Page - VTI technologies SCA3000 Datasheet HTML 6Page - VTI technologies SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
7/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
1.2.7
Interrupt
The SCA3000 has a dedicated output pin (INT) to be used as the interrupt for the master controller.
Interrupt conditions can be activated and deactivated via the SPI or I
2C bus. Once the interrupt has
happened, the interrupt source can be read out from the corresponding status register.
1.2.8
Temperature output
Some SCA3000 products provide 9-bit temperature information via the serial interface. See Table 1
for detailed product information.
1.2.9
Output ring buffer
In those applications where real time acceleration information is not needed, the ring buffer
memory can be used to buffer acceleration data. This will release µC resources for other tasks or
for example, to offer a power saving mode while SCA3000 samples acceleration data into its buffer
memory.
Acceleration data is sampled at a constant sample rate by the sensor. The buffer is a FIFO type
(First In First Out) where the oldest data is shifted out first. It has separate read and write address
pointers, so it can be read and written simultaneously. If the buffer overflows, the oldest data is lost
and the new data replaces the oldest samples.
Ring buffer logic can be configured to give an interrupt when the buffer is ½ or ¾ full. The entire
ring buffer content can be read by one read sequence.
2
Reset and power up, Operation Modes, HW functions and Clock
2.1
Reset and power up
The SCA3000 has an external active low reset pin. Power supplies must be within the specified
range before the reset can be released.
After releasing the reset, the SCA3000 will read configuration and calibration data from the non-
volatile memory to volatile registers. Then the SCA3000 will make a check sum calculation to the
read memory content. The STATUS register's CSME-bit="0" shows successful memory read
operation.
2.2
Measurement Mode
2.2.1
Description
The SCA3000 enters the measurement mode by default after power-on and the CV-converter will
start to feed data to the signal channel (Figure 1). Data will be reliable in the output registers after
the product specific turn-on time.
The SCA3000 can also be set to optional measurement modes. See component specific data
sheets for detailed functional parameters in all measurement modes. All available measurement
modes for the SCA3000 are described in Table 2 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com