Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 23 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 23 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 19Page - VTI technologies SCA3000 Datasheet HTML 20Page - VTI technologies SCA3000 Datasheet HTML 21Page - VTI technologies SCA3000 Datasheet HTML 22Page - VTI technologies SCA3000 Datasheet HTML 23Page - VTI technologies SCA3000 Datasheet HTML 24Page - VTI technologies SCA3000 Datasheet HTML 25Page - VTI technologies SCA3000 Datasheet HTML 26Page - VTI technologies SCA3000 Datasheet HTML 27Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
23/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Address value: 01011
Register name: OUT_CTRL, Output configuration (Indirect access via CTRL_SEL)
Bits
Initial
Value
Name
Description
7:5
Reserved
4
1
BUF_X_EN
Store X-axis acceleration data to ring buffer
1 – enabled
0 – disabled
3
1
BUF_Y_EN
Store Y-axis acceleration data to ring buffer
1 – enabled
0 – disabled
2
1
BUF_Z_EN
Store Z-axis acceleration data to ring buffer
1 – enabled
0 – disabled
1:0
00
BUF_RATE
Additional data rate reduction after calibration
before data is loaded to ring buffer (no effect on
output registers data rate, see section 2.5.1)
11 – No rate reduction
10 – divide rate by 4
01 – divide rate by 2
00 – No rate reduction
Address: 1Eh
Register name: UNLOCK, Unlock register lock
Bits
Mode
Initial
Value
Name
Description
7:0
RW
00h
KEY
Lock can be opened by writing the following
sequence into this register:
00h, 50h, A0h Writing any other sequence closes the
lock. Lock state can be read from STATUS register.
Address: 21h
Register name: INT_MASK, HW interrupt mask register configures the operation of the INT pin.
Bits
Mode
Initial
Value
Name
Description
7
RW
0
BUF_F_EN
Interrupt when output ring buffer is ¾ full
1 – Enabled
0 – Disabled
6
RW
1
BUF_H_EN
Interrupt when output ring buffer is ½ full
1 – Enabled
0 – Disabled
5:2
Reserved
1
RW
0
INT_ALL
Mask all interrupts (only effects on the INT-pin)
1 – Mask all interrupts (including free fall
detection and motion detector)
0 – Mask interrupts according to configured mode
0
RW
1
INT_ACT
INT-pin signal activity
1 – INT active high (INT-pin high)
0 – INT active low (INT-pin low)
Address: 22h
Register name: CTRL_DATA, Control register data, UNLOCK REQUIRED
Bits
Mode
Initial
Value
Name
Description
7:0
RW
00h
DATA
Data bits [7:0] of selected 8-bit control register. Write
this register to actually perform the write operation to
selected location. See register CTRL_SEL for
information on register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com