Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 36 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 36 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 32Page - VTI technologies SCA3000 Datasheet HTML 33Page - VTI technologies SCA3000 Datasheet HTML 34Page - VTI technologies SCA3000 Datasheet HTML 35Page - VTI technologies SCA3000 Datasheet HTML 36Page - VTI technologies SCA3000 Datasheet HTML 37Page - VTI technologies SCA3000 Datasheet HTML 38Page - VTI technologies SCA3000 Datasheet HTML 39Page - VTI technologies SCA3000 Datasheet HTML 40Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
36/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
8
Data sheet references
8.1
Offset
SCA3000's offset will be calibrated in X = 0 g, Y = 0 g, and Z = +1 g (Z measuring axis is parallel to
earth’s gravitation) position, see Figure 20.
Z-axis in +1 g
position
Y
Earth’s
gravitation
X
Pin #1
Figure 20. SCA3000 offset (0 g) position.
8.1.1
Offset calibration error
Offset calibration error is the difference between the sensor's actual output reading and the nominal
output reading in calibration conditions. Error is calculated by
Equation 2
1000
⋅
−
=
−
−
Sens
Output
Output
Offset
axis
X
r
axisCalibE
X
,
where OutputX-axisCalibEr is sensor’s X-axis calibration error in [mg], OutputX-axis is sensor’s X-axis
output reading [counts], Output is sensor’s nominal output in 0 g position and Sens sensor’s nominal
sensitivity [counts/g].
8.1.2
Offset temperature error
Offset temperature error is the difference between the sensor's output reading in different
temperatures and the sensor’s calibrated offset value at room temperature. Error is calculated by
Equation 3
1000
@
@
@
⋅
−
=
−
−
−
Sens
Output
Output
Offset
RT
axis
X
T
axis
X
T
axisTempEr
X
,
where OutputX-axisTempEr@T is sensor’s X-axis temperature error in [mg] in temperature T, OutputX-axis@T
is sensor’s X-axis output reading [counts] in temperature T, OutputX-axis@T X-axis output reading
[counts] at room temperature RT and Sens sensor’s nominal sensitivity [counts/g]. Sensor is in 0 g
position for every measurement point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com