Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 14 Page - VTI technologies

Part # SCA3000
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 14 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies SCA3000 Datasheet HTML 12Page - VTI technologies SCA3000 Datasheet HTML 13Page - VTI technologies SCA3000 Datasheet HTML 14Page - VTI technologies SCA3000 Datasheet HTML 15Page - VTI technologies SCA3000 Datasheet HTML 16Page - VTI technologies SCA3000 Datasheet HTML 17Page - VTI technologies SCA3000 Datasheet HTML 18Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
14/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
The interrupt polarity (active high/low) can be configured with INT_MASK register's INT_ACT bit.
Once the interrupt has happened, the INT_STATUS register must be read to acknowledge the
interrupt.
1.
If at least one of MD bits in INT_STATUS register is "1", motion has been detected.
2.
If FFD bit in INT_STATUS register is "1", free-fall has been detected.
3.
If BUF_FULL bit is "1", Ring Buffer is 75% full. Correspondingly, if BUF_HALF is "1", the
Ring Buffer is 50% full.
See section 3.3 for INT_STATUS register details.
2.8
Clock
The SCA3000 has an internal factory trimmed oscillator and clock generator. Internal frequencies
vary product by product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com