Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 9 Page - Tyco Electronics

Part # ASMD050F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050F Datasheet(HTML) 9 Page - Tyco Electronics

Back Button ASMD050F Datasheet HTML 5Page - Tyco Electronics ASMD050F Datasheet HTML 6Page - Tyco Electronics ASMD050F Datasheet HTML 7Page - Tyco Electronics ASMD050F Datasheet HTML 8Page - Tyco Electronics ASMD050F Datasheet HTML 9Page - Tyco Electronics ASMD050F Datasheet HTML 10Page - Tyco Electronics ASMD050F Datasheet HTML 11Page - Tyco Electronics ASMD050F Datasheet HTML 12Page - Tyco Electronics ASMD050F Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
181
RoHS Compliant, ELV Compliant
12
D
G
C
B
E(x2)
F
H
A
I
Figure A14
Figure A5-A15 Dimension Figures for Automotive Devices
Cont’d
AGRF
16V — Radial-leaded
AGRF400
—
8.9
—
14.1
—
3.0
7.6
—
4.3
5.8
1.2
——
3.10
1.24
1.4
A5, A8,
(0.35)
(0.56)
(0.12)
(0.3)
(0.17) (0.20)
(0.15)
(0.120) (0.049)
(0.06)
A9
AGRF500
—
10.4
—
15.6
—
3.0
7.6
—
4.3
5.8
1.2
——
3.94
1.24
1.6
A5, A8,
(0.41)
(0.61)
(0.12)
(0.3)
(0.17) (0.20)
(0.05)
(0.155) (0.049)
(0.06)
A9
AGRF600
—
10.7
—
18.4
—
3.0
7.6
—
4.3
5.8
1.2
——
4.07
1.24
1.6
A5, A8,
(0.42)
(0.73)
(0.12)
(0.3)
(0.17) (0.20)
(0.05)
(0.160) (0.049)
(0.06)
A9
AGRF700
—
11.2
—
21.0
—
3.0
7.6
—
4.3
5.8
1.2
——
4.49
1.24
1.7
A5, A8,
(0.44)
(0.73)
(0.12)
(0.3)
(0.17) (0.20)
(0.05)
(0.177) (0.049)
(0.07)
A9
AGRF800
—
12.7
—
22.2
—
3.0
7.6
—
4.3
5.8
1.2
——
5.08
1.24
1.8
A5, A8,
(0.50)
(0.88)
(0.12)
(0.3)
(0.17) (0.20)
(0.05)
(0.200) (0.049)
(0.07)
A9
AGRF900
—
14.0
—
23.0
—
3.0
7.6
—
4.3
5.8
1.2
——
5.69
1.24
2.0
A5, A8,
(0.55)
(0.91)
(0.12)
(0.3)
(0.17) (0.20)
(0.05)
(0.224) (0.049)
(0.08)
A9
AGRF1000
—
16.51
—
25.7
—
3.0
7.6
—
4.3
5.8
1.2
——
6.96
1.24
2.0
A5, A8,
(0.65)
(1.01)
(0.12)
(0.3)
(0.17) (0.20)
(0.05)
(0.274) (0.049)
(0.08)
A9
AGRF1100
—
17.5
—
26.5
—
3.0
7.6
—
4.3
5.8
1.2
——
7.47
1.24
2.4
A5, A8,
(0.69)
(1.04)
(0.12)
(0.3)
(0.17) (0.20)
(0.05)
(0.294) (0.049)
(0.09)
A9
AGRF1200
—
17.5
—
28.8
—
3.5
7.6
—
9.4
10.9
1.4
——
4.83
1.45
1.5
A5, A8,
(0.69)
(1.14)
(0.14)
(0.3)
(0.37) (0.43)
(0.06)
(0.190) (0.057)
(0.06)
A9
AGRF1400
—
23.5
—
28.7
—
3.5
7.6
—
9.4
10.9
1.4
——
7.82
1.45
1.9
A5, A8,
(0.925)
(1.13)
(0.14)
(0.3)
(0.37) (0.43)
(0.06)
(0.308) (0.057)
(0.07)
A9
AHRF (High Temperature)
30V — Radial-leaded
AHRF050
—
7.4
—
12.7
—
3.3
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A8, A9,
(0.29)
(0.50)
(0.13)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A10
AHRF070
—
6.9
—
10.8
—
3.3
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A5, A8,
(0.27)
(0.43)
(0.13)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A9
AHRF100
—
9.7
—
13.6
—
3.0
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A8, A9,
(0.38)
(0.54)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A10
Part Number
A
Min.
Max.
J
Max.
Figure
H
Typ.
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table A4 Dimensions for Automotive Devices in Millimeters (Inches)
C
AB
E
D
Figure A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com