Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 2 Page - Tyco Electronics

Part # ASMD050F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050F Datasheet(HTML) 2 Page - Tyco Electronics

  ASMD050F Datasheet HTML 1Page - Tyco Electronics ASMD050F Datasheet HTML 2Page - Tyco Electronics ASMD050F Datasheet HTML 3Page - Tyco Electronics ASMD050F Datasheet HTML 4Page - Tyco Electronics ASMD050F Datasheet HTML 5Page - Tyco Electronics ASMD050F Datasheet HTML 6Page - Tyco Electronics ASMD050F Datasheet HTML 7Page - Tyco Electronics ASMD050F Datasheet HTML 8Page - Tyco Electronics ASMD050F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
174
RoHS Compliant, ELV Compliant
12
Hold Current (A)
0.30
——
—
——
—
—
2.90
Ω
—
0.50
——
0.565
Ω
0.5650
Ω
——
—
0.90
Ω
—
0.70
——
0.385
Ω
0.3850
Ω
——
—
—
—
0.75
——
—
——
—
0.60
Ω
——
0.80
——
—
—
0.25
Ω
——
—
—
1.00
——
0.225
Ω
0.2250
Ω
——
0.30
Ω
——
1.25
——
—
——
0.160
Ω
——
—
1.50
——
—
——
0.140
Ω
——
—
1.60
——
—
—
0.10
Ω
——
—
—
1.85
——
—
——
0.079
Ω
——
—
2.00
—
0.0565
Ω
——
0.07
Ω
0.090
Ω
——
—
2.50
——
—
——
0.060
Ω
——
—
3.00
—
0.0410
Ω
—
0.0520
Ω
0.05
Ω
——
—
—
4.00
0.0300
Ω
0.0305
Ω
——
—
—
—
—
—
4.50
—
0.0290
Ω
——
—
—
—
—
—
5.00
0.0192
Ω
——
0.0200
Ω
——
—
—
—
5.50
—
0.0190
Ω
——
—
—
—
—
—
6.00
0.0145
Ω
0.0180
Ω
——
—
—
—
—
—
6.50
—
0.0140
Ω
——
—
—
—
—
—
7.00
0.0105
Ω
0.0126
Ω
——
—
—
—
—
—
7.50
—
0.0120
Ω
—
0.0120
Ω
——
—
—
—
8.00
0.0086
Ω
0.0104
Ω
——
—
—
—
—
0.0115
Ω
9.00
0.0070
Ω
0.0100
Ω
——
—
—
—
—
—
10.00
0.0056
Ω
0.0083
Ω
—
0.0083
Ω
——
—
—
—
11.00
0.0050
Ω
0.0069
Ω
——
—
—
—
—
—
12.00
0.0046
Ω
———
—
—
—
—
0.0060
Ω
13.00
—
0.0055
Ω
——
—
—
—
—
—
14.00
0.0040
Ω
0.0050
Ω
——
—
—
—
—
—
15.00
—
0.0050
Ω
——
—
—
—
—
—
16.00
——
—
——
—
—
—
0.00365
Ω
20.00
——
—
——
—
—
—
0.00285
Ω
21.00
——
—
——
—
—
—
0.00260
Ω
Voltage Rating
AGRF
16V
AHRF
16V
AHRF
30V
AHS
16V
ASMD
16V
ASMD
30V
ASMD
60V
AHEF
32V
BD
14V
Table A1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Automotive Devices
Hold Current (A)
0.05
——
—
26.80
Ω
——
—
—
0.10
——
—
8.55
Ω
6.70
Ω
——
—
0.12
3.95
Ω
——
—
—
—
—
—
0.14
——
—
—
3.75
Ω
——
—
0.16
3.05
Ω
——
—
—
—
—
—
0.20
—
1.875
Ω
——
—
1.950
Ω
——
0.30
——
—
—
—
0.975
Ω
——
0.35
——
0.90
Ω
——
—
—
—
0.50
——
—
—
—
—
0.575
Ω
—
0.75
——
—
—
—
—
0.190
Ω
—
1.10
——
—
—
—
—
0.120
Ω
0.1200
Ω
1.25
——
—
—
—
—
—
0.0950
Ω
1.50
——
—
—
—
—
0.080
Ω
0.0750
Ω
2.60
——
—
—
—
—
—
0.0325
Ω
Voltage Rating
nanoASMDC
48V
nanoASMDC
24V
nanoASMDC
16V
miniASMDC
60V
miniASMDC
30V
miniASMDC
24V
miniASMDC
16V
microASMD
30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com