Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 4 Page - Tyco Electronics

Part # ASMD050F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050F Datasheet(HTML) 4 Page - Tyco Electronics

  ASMD050F Datasheet HTML 1Page - Tyco Electronics ASMD050F Datasheet HTML 2Page - Tyco Electronics ASMD050F Datasheet HTML 3Page - Tyco Electronics ASMD050F Datasheet HTML 4Page - Tyco Electronics ASMD050F Datasheet HTML 5Page - Tyco Electronics ASMD050F Datasheet HTML 6Page - Tyco Electronics ASMD050F Datasheet HTML 7Page - Tyco Electronics ASMD050F Datasheet HTML 8Page - Tyco Electronics ASMD050F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
176
RoHS Compliant, ELV Compliant
12
Table A2
Thermal Derating for Automotive Devices
[Hold Current (A) at Ambient Temperature (°C)]
Cont’d
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
ASMD
16-60V — Surface-mount
ASMD030F
0.35
0.31
0.27
0.23
0.22
0.19
0.17
0.15
0.13
0.11
ASMD050F
0.59
0.53
0.46
0.39
0.37
0.33
0.29
0.26
0.23
0.18
ASMD075F
0.91
0.81
0.71
0.60
0.58
0.50
0.45
0.40
0.35
0.28
ASMD100F
1.37
1.22
1.06
0.90
0.86
0.76
0.68
0.60
0.52
0.41
ASMD125F
1.58
1.40
1.23
1.04
1.00
0.87
0.78
0.70
0.60
0.48
ASMD150F
1.93
1.70
1.50
1.27
1.22
1.07
0.95
0.85
0.74
0.58
ASMD185F
2.93
2.58
2.30
1.93
1.85
1.62
1.44
1.30
1.12
0.88
ASMD200F
2.63
2.34
2.04
1.73
1.66
1.45
1.30
1.16
1.00
0.80
ASMD250F
3.00
2.66
2.32
1.97
1.89
1.65
1.48
1.32
1.14
0.91
nanoASMDC
16-48V — Surface-mount
nanoASMDC012F
0.20
0.17
0.15
0.13
0.12
0.11
0.10
0.09
0.08
0.07
nanoASMDC016F
0.21
0.20
0.18
0.16
0.16
0.14
0.13
0.12
0.11
0.09
nanoASMDC020F
0.34
0.30
0.26
0.22
0.20
0.17
0.15
0.13
0.11
0.08
nanoASMDC035F
0.58
0.51
0.44
0.38
0.35
0.31
0.28
0.24
0.21
0.16
microASMD
30V — Surface-mount
microASMD005F
0.08
0.07
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
microASMD010F
0.15
0.13
0.12
0.10
0.10
0.09
0.08
0.06
0.06
0.05
miniASMDC
16-60V — Surface-mount
miniASMDC010F
0.17
0.15
0.13
0.11
0.10
0.09
0.08
0.07
0.06
0.04
miniASMDC014F
0.23
0.20
0.17
0.14
0.13
0.11
0.10
0.09
0.07
0.05
miniASMDC020F
0.30
0.27
0.23
0.20
0.19
0.17
0.15
0.13
0.12
0.09
miniASMDC030F
0.49
0.44
0.39
0.32
0.30
0.27
0.24
0.22
0.18
0.14
miniASMDC050F
0.59
0.57
0.55
0.50
0.48
0.45
0.43
0.35
0.30
0.23
miniASMDC075F/24
1.50
1.25
1.00
0.75
0.73
0.65
0.60
0.55
0.50
0.43
miniASMDC110F/16
1.68
1.49
1.30
1.10
1.05
0.92
0.83
0.75
0.64
0.50
miniASMDC110F/24
2.00
1.70
1.40
1.10
1.06
0.95
0.88
0.80
0.73
0.61
miniASMDC125F/16
2.00
1.69
1.47
1.25
1.17
1.03
0.92
0.90
0.69
0.53
miniASMDC150F/16
2.40
2.10
1.80
1.50
1.44
1.25
1.13
1.00
0.88
0.69
miniASMDC150F/24
2.10
1.90
1.70
1.50
1.44
1.25
1.13
1.00
0.88
0.69
miniASMDC260F/16
3.50
3.20
3.00
2.60
2.53
2.30
2.15
2.00
1.85
1.63
BD
14V— Bladed Device
BD280-1130-10/16
12.4
11.0
9.7
8.3
8.0
7.0
6.3
5.6
5.0
4.0
BD280-1130-15/16
17.4
15.7
14.1
12.4
12.0
10.8
9.9
9.1
8.3
7.0
BD280-1130-20/16
24.0
21.6
19.1
16.6
16.0
14.1
12.9
11.7
10.4
8.6
BD280-1927-25/16-W
32.0
28.3
24.6
20.9
20.0
17.2
15.4
13.5
11.7
8.9
BD280-1927-30/16-W
34.1
30.1
26.0
22.0
21.0
18.0
16.0
14.0
11.9
9.1
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com