Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 17 Page - Tyco Electronics

Part # ASMD050F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050F Datasheet(HTML) 17 Page - Tyco Electronics

Back Button ASMD050F Datasheet HTML 13Page - Tyco Electronics ASMD050F Datasheet HTML 14Page - Tyco Electronics ASMD050F Datasheet HTML 15Page - Tyco Electronics ASMD050F Datasheet HTML 16Page - Tyco Electronics ASMD050F Datasheet HTML 17Page - Tyco Electronics ASMD050F Datasheet HTML 18Page - Tyco Electronics ASMD050F Datasheet HTML 19Page - Tyco Electronics ASMD050F Datasheet HTML 20Page - Tyco Electronics ASMD050F Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
189
RoHS Compliant, ELV Compliant
12
Terminal pad material
98%+ Tin-plated Brass
Soldering characteristics
Solderability per ANSI-J-STD-002 Category 1
Solder heat withstand
per IEC-STD 68-2-20, Test Tb, Section 5, Method 1A
Flammability resistance
per IEC 695-2-2 Needle flame test for 20 seconds
Recommended storage conditions
40°C max, 70% RH max; devices may not meet specified ratings if storage conditions are exceeded
Operation temperature
-40°C~85°C
Note: See PS400 for other physical characteristics.
Test
Conditions
Resistance Change
Passive aging
60°C, 1000 hours
±3% typical
85°C, 1000 hours
±5% typical
Humidity aging
85°C, 85% RH, 100 hours
±1.2% typical
Thermal shock
85°C, -40°C (20 times)
-33% typical
125°C, -55°C (10 times)
-33% typical
Solvent resistance
Freon
No change
Trichloroethane
No change
Hydrocarbons
No change
Note: See PS400 for other environmental specifications.
ASMD
Physical Characteristics
Environmental Specifications
Table A5 Physical Characteristics and Environmental Specifications for Automotive Devices
Cont’d
Lead material
Tin-plated brass to MIL-T-10727B
Soldering characteristics
Solderability per ANSI-J-STD-002 Category 1
Solder heat withstand
per IEC-STD 68-2-20, Test Tb, Section 5, Method 1A
Flammability
per IEC 695-2-2 Needle flame test for 20 seconds
Operation temperature
-40°C~125°C
Note: See PS400 for other physical characteristics.
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±3% Typical
85°C, 1000 hours
±5% Typical
Humidity aging
85°C, 85% RH, 1000 hours
±1.2% Typical
Thermal shock
125°C, -40°C (20 times)
-33% Typical
Solvent resistance
Freon
No change
Trichloroethane
No change
Hydrocarbons
No change
Note: See PS400 for other environmental specifications.
AHS
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85% RH, 1000 hours
±5%
Thermal shock
125°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
Note: See PS400 for other environmental specifications.
AHEF
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com