Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 16 Page - Tyco Electronics

Part # ASMD050F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050F Datasheet(HTML) 16 Page - Tyco Electronics

Back Button ASMD050F Datasheet HTML 12Page - Tyco Electronics ASMD050F Datasheet HTML 13Page - Tyco Electronics ASMD050F Datasheet HTML 14Page - Tyco Electronics ASMD050F Datasheet HTML 15Page - Tyco Electronics ASMD050F Datasheet HTML 16Page - Tyco Electronics ASMD050F Datasheet HTML 17Page - Tyco Electronics ASMD050F Datasheet HTML 18Page - Tyco Electronics ASMD050F Datasheet HTML 19Page - Tyco Electronics ASMD050F Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
188
RoHS Compliant, ELV Compliant
12
Lead material
AGRF400 to AGRF1100 : Tin Plated Copper, 0.52mm2 (20AWG) ø 0.8 mm/0.032in
AGRF1200 to AGRF1400 : Tin Plated Copper, 0.82mm2 (18AWG) ø 1.0mm/0.040in
Soldering characteristics
Solderability per ANSI/J-STD-002 Category 3
Solder heat withstand
AGRF400: per IEC68-2-20 Test Tb, Method 1A, Condition A: can withstand 5 seconds at 260°C ± 5°C
AGRF500-AGRF1400: per IEC68-2-20 Test Tb, Method 1A, Condition B: can withstand 10 seconds at 260°C ± 5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Operation temperature
-40°C~85°C
Note: See PS400 for other physical characteristics.
Devices are not designed to be placed through a reflow process.
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85% RH, 1000 hours
±5%
Thermal shock
85°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
Note: See PS400 for other environmental specifications.
AGRF
Physical Characteristics
Environmental Specifications
Lead material
AHRF050 to AHRF200
: Tin-plated Copper Clad Steel, 0.205mm2 (24 AWG), ø 0.51mm/0.020in
AHRF300 to AHRF1100 : Tin-plated copper 0.52mm2 (20 AWG), ø 0.81mm/0.032 in
AHRF1300 to AHRF1500 : Tin-plated copper 0.82mm2 (18 AWG), ø 1.0mm/0.04 in
Soldering characteristics
Solderability per ANSI/J-STD 002 Category 3
Solder heat withstand
per IEC 68-2-20, Test Tb, Method 1A, Condition B; can withstand 10 seconds at 260°C ± 5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0 requirements
Operation temperature
-40°C~125°C
Note: See PS400 for other physical characteristics.
Devices are not designed to be placed through a reflow process.
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85% RH, 1000 hours
±5%
Thermal shock
125°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
Note: See PS400 for other environmental specifications.
AHRF
Physical Characteristics
Environmental Specifications
Table A5 Physical Characteristics and Environmental Specifications for Automotive Devices
Lead material
AHEF050 to AHEF100 : Tin-plated Copper Clad Steel, 0.205mm2 (24 AWG), ø 0.51mm/0.020in.
AHEF300 to AHEF750 : Tin-plated Copper 0.52mm2 (20 AWG), ø 0.81mm/0.032in
AHEF1000
: Tin-plated copper 0.82mm2 (18 AWG), ø 1.0mm/0.04 in
Soldering characteristics
Solderability per ANSI/J-STD 002 Category 3
Solder heat withstand
per IEC 68-2-20, Test Tb, Method 1A, Condition B; can withstand 10 seconds at 260°C ± 5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0 requirements
Operation temperature
-40°C~125°C
Note: See PS400 for other physical characteristics.
Devices are not designed to be placed through a reflow process.
AHEF
Physical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com