Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 15 Page - Tyco Electronics

Part # ASMD050F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050F Datasheet(HTML) 15 Page - Tyco Electronics

Back Button ASMD050F Datasheet HTML 11Page - Tyco Electronics ASMD050F Datasheet HTML 12Page - Tyco Electronics ASMD050F Datasheet HTML 13Page - Tyco Electronics ASMD050F Datasheet HTML 14Page - Tyco Electronics ASMD050F Datasheet HTML 15Page - Tyco Electronics ASMD050F Datasheet HTML 16Page - Tyco Electronics ASMD050F Datasheet HTML 17Page - Tyco Electronics ASMD050F Datasheet HTML 18Page - Tyco Electronics ASMD050F Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
187
RoHS Compliant, ELV Compliant
12
Fault Current (A)
100
10
1
0.10
0.01
0.001
0.1
1
10
A
A
B
B
Figure A22
microASMD
A=
microASMD005F
B=
microASMD010F
Figure A16-A24 Typical Time-to-trip at 25°C for Automotive Devices
Cont’d
Fault Current (A)
100
10
1
0.10
0.01
0.001
0.1
1
100
10
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
I
I
J
J
K
K
Figure A23
miniASMDC
A=
miniASMDC010F, miniASMDC014F
B=
miniASMDC020F
C=
miniASMDC030F
D=
miniASMDC050F
E=
miniASMDC075F/24
F=
miniASMDC110F/16
G=
miniASMDC110F/24
H=
miniASMDC125F/16
I=
miniASMDC150F/16
J=
miniASMDC150F/24
K=
miniASMDC260F/16
Fault Current (A)
1000
100
10
1
0.1
0.01
0
20
40
60
80
100
120
140
160
180
200
A
A
B
C
D
E
B
C
D
E
Figure A24
BD
A=
BD30A
B=
BD25A
C=
BD20A
D=
BD15A
E=
BD10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com