Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 14 Page - Tyco Electronics

Part # ASMD050F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050F Datasheet(HTML) 14 Page - Tyco Electronics

Back Button ASMD050F Datasheet HTML 10Page - Tyco Electronics ASMD050F Datasheet HTML 11Page - Tyco Electronics ASMD050F Datasheet HTML 12Page - Tyco Electronics ASMD050F Datasheet HTML 13Page - Tyco Electronics ASMD050F Datasheet HTML 14Page - Tyco Electronics ASMD050F Datasheet HTML 15Page - Tyco Electronics ASMD050F Datasheet HTML 16Page - Tyco Electronics ASMD050F Datasheet HTML 17Page - Tyco Electronics ASMD050F Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
186
RoHS Compliant, ELV Compliant
12
Fault Current (A)
100
10
1
0.10
0.01
0.1
1
10
100
A
A
B
C
D
E
F
G H
B C
D
E F
G
H
I
I
Figure A20
ASMD
A=
ASMD030F
B=
ASMD050F
C=
ASMD075F
D=
ASMD100F
E=
ASMD125F
F=
ASMD150F
G=
ASMD185F
H=
ASMD200F
I=
ASMD250F
Fault Current (A)
100
10
1
0.10
0.01
10
1
100
B
B
A
A
C
C
D
D
Figure A19
AHS
A=
AHS080-2018
B=
AHS160
C=
AHS200
D=
AHS300
Figure A16-A24 Typical Time-to-trip at 25°C for Automotive Devices
Cont’d
Fault Current (A)
10
1
0.10
0.01
0.001
0.1
1
10
A
A
B
C
D
B
C
D
Figure A21
nanoASMDC
A=
nanoASMDC012F
B=
nanoASMDC016F
C=
nanoASMDC020F
D=
nanoASMDC035F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com