Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S005 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button M2S005 Datasheet HTML 17Page - Microsemi Corporation M2S005 Datasheet HTML 18Page - Microsemi Corporation M2S005 Datasheet HTML 19Page - Microsemi Corporation M2S005 Datasheet HTML 20Page - Microsemi Corporation M2S005 Datasheet HTML 21Page - Microsemi Corporation M2S005 Datasheet HTML 22Page - Microsemi Corporation M2S005 Datasheet HTML 23Page - Microsemi Corporation M2S005 Datasheet HTML 24Page - Microsemi Corporation M2S005 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
22 www.microsemi.com/products/fpga-soc/design-resources/dev-kits-boards
• Supports SmartFusion
development, including
ARM Cortex-M3, FPGA and
programmable analog
• Free one-year Libero SoC software
and Gold license with SoftConsole
for program and debug
• 5 V power supply and
international adapters
• Two USB cables and low cost
programming stick
• User’s guide, tutorial and
design examples
• PCB schematics, layout files
and BOM
• Board features
- Ethernet, EtherCAT, CAN, UART,
I2C and SPI interfaces
- USB port for HyperTerminal
- USB port for programming
and debug
- J-Link header for debug
- Mixed signal and A2F500 digital
expansion header
- Extensive off-chip memory
- Refer to www.microsemi.com/soc
for a full list of features
Ordering Codes
Supported Devices
Price
A2F500-DEV-KIT
A2F500M3G-FGG484
$ 999
DirectC Header
Board Reset
Switch
Power Jack
Memory Device
Configuration
Headers
AGLP DIP
Switch
AGLP125V5-
CSG289
IGLOO PLUS
Header
10/100 Ethernet
PHY
RJ45 Connector
for 10/100 Ethernet
Power Switch
DACOUT/
ADC
Headers
RJ45 Connectors
for EtherCAT
Ports
SmartFusion
cSoC
DB9
Connector
for CAN0
SRAM
(3.3 V)
CAN
Transceivers
DB9 Connector
for CAN1
A2F500
Connector
PSRAM
(1.8 V)
LCPS Connector
DIP Switch
JTAG_SEL Switch
JTAG Chain
Configuration Header
1.5 V Header
PUB Switch
RS485 Transceiver
DB9 Connector for
RS485 (UART1)
50 MHz Oscillator
SPI Headers
I2C Headers
USB Connector
for UART0
OLED
Push-Button
Switches
RealView® Header
JTAG MUX
EtherCAT
PHYs
DAC0 and DAC1
Callibration POTs
for ±15 V Bipolar
Outputs
POT for
Current
Monitor
Mixed
Signal
Header
EtherCAT
ASIC
SmartFusion Development Kit
9 V
Power
Supply
Jack
Analog Power
Supply Regulators
(RV1, RV2)
Interrupt Switches
(SW8-APOL1, SW9-APOL2, SW10-DPOL1,
SW11-DPOL3, SW12-DPOL2)
Power
Switch
JP3
JP19
JP2
JP20
J2
Mixed Signal
Header
JP23
Zilker
Programming Header
JP21 JP22
LEDs (D15,
D16, D17,
D18, D19)
DMPM Daughter Card
• Supports power management
design with the SmartFusion
Evaluation Kit and SmartFusion
Development Kit
• MPM v5.0 design example
implements configurable power
management in SmartFusion
SoC FPGA
• Graphical configuration dialog
• In-system reconfigurable
• 9 V power supply
• Board features
- 2 analog PoLs, 3 Digital PoLs
- 2 potentiometers to control
analog regulators
- 5 power supply regulator
interrupt switches
- 5 power supply regulator
status LEDs
- Mixed signal header connector
connects to SmartFusion board
Ordering Code
Supported Device
Price
DMPM-DC-KIT
No Microsemi device
$ 349
• Supports SmartFusion SoC
FPGA evaluation, including
ARM Cortex-M3, FPGA and
programmable analog
• Free one-year Libero SoC software
and Gold license with SoftConsole
for program and debug
• USB programming built into board
• Two USB cables
• User’s guide, tutorial and
design examples
• Printed circuit board (PCB)
schematics, layout files and
bill-of-materials (BOM)
• Board features
- Ethernet interface
- USB port for power and
HyperTerminal
- USB port for programming
and debug
- J-Link header for debug
- Mixed signal header
- SPI flash – off-chip memory
- Reset and 2 user switches, 8 LEDs
- POT for voltage / current monitor
- Temperature monitor
- Organic light-emitting diode (OLED)
Ordering Code
Supported Device
Price
A2F-EVAL-KIT
A2F200M3F-FGG484
$ 99
10/100
Ethernet
Interface
Regulators
USB
Program
and Debug
Interface
SmartFusion Device
User SW2
USB
Power and
USB-UART
Interface
Potentiometer
Reset Switch
5 Debug I/Os
8 User LEDs
Debug Select
JTAG Select
OLED Display
RVI - Header
SPI-Flash
Memory
PUB Switch
VRPSM
Voltage
Option
20 MHz
Crystal
32.768 KHz
Crystal
User SW1
Mixed Signal
Header
SmartFusion Evaluation Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com