Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S005 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button M2S005 Datasheet HTML 10Page - Microsemi Corporation M2S005 Datasheet HTML 11Page - Microsemi Corporation M2S005 Datasheet HTML 12Page - Microsemi Corporation M2S005 Datasheet HTML 13Page - Microsemi Corporation M2S005 Datasheet HTML 14Page - Microsemi Corporation M2S005 Datasheet HTML 15Page - Microsemi Corporation M2S005 Datasheet HTML 16Page - Microsemi Corporation M2S005 Datasheet HTML 17Page - Microsemi Corporation M2S005 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14 www.microsemi.com/fpga-soc
Military SmartFusion,
Fusion and ProASIC3/EL
Low power FPGAs for military applications
Building on the successful heritage of the Military ProASICPLUS family, Military FPGAs offer higher performance, greater density and more memory, while at the
same time offering high reliability combined with compact single-chip logic integration, Instant-on operation and reprogrammability. Fusion and SmartFusion
Military FPGA’s offer integrated configurable analog and can use built-in soft ARM Cortex-M1 or hard 50 MHz ARM Cortex M3.
• Supports single-voltage
system operation
• Up to 3,000,000 system gates
• Instant-on level 0 support
• Secure ISP using on-chip 128-bit
advanced encryption
• Single-event upset (SEU) immune
• Standard (AES) decryption via JTAG
Military SmartFusion, Fusion and ProASIC3 Devices
ProASIC3/EL
Devices
A3P250
A3PE600L
A3P1000
A3PE3000L
AFS600
AFS1500
A2F060
A2F500
ARM Cortex-M1
Devices1
M1A3P1000
M1A3PE3000L
M1A2F500
M1AFS1500
Hard 32-Bit
ARM Cortex-M3
Hard 32-Bit
ARM Cortex-M3
System Gates
250,000
600,000
1,000,000
3,000,000
600,000
1,500,000
60,000
500,000
VersaTiles
(D-flip-flops)
6,144
13,824
24,576
75,264
13,824
38,400
1,536
11,520
AES-Protected ISP1
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
RAM
(1,024 bits)
36
108
144
504
108
270
16
64
RAM Blocks
(4,608 bits)
8
24
32
112
24
60
8
24
Maximum
User I/Os
68
270
300
620
212
263
108
204
Digital I/Os
68
270
154
620
172
223
92
169
Analog I/Os
—
—
—
—
40
40
16
35
PLL
1
6
1
6
2
2
1
2
ADCs
(8-,10-,12-bit SAR)
—
—
—
—
1
1
1
3
Packages
VQ
PQ
FG
VQ100
FG484
PQ208
FG144, FG256,
FG484
PQ208
FG324, FG484,
FG896
FG256, FG484
FG256, FG484
FG256
FG256, FG484
Notes:
1. Refer to ARM Cortex-M1 product brief for more information.
2. AES is not available for ARM-enabled devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com