Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S005 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button M2S005 Datasheet HTML 18Page - Microsemi Corporation M2S005 Datasheet HTML 19Page - Microsemi Corporation M2S005 Datasheet HTML 20Page - Microsemi Corporation M2S005 Datasheet HTML 21Page - Microsemi Corporation M2S005 Datasheet HTML 22Page - Microsemi Corporation M2S005 Datasheet HTML 23Page - Microsemi Corporation M2S005 Datasheet HTML 24Page - Microsemi Corporation M2S005 Datasheet HTML 25Page - Microsemi Corporation M2S005 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
23
www.microsemi.com/products/fpga-soc/design-resources/dev-kits-boards
Ordering Code
Supported Device
Price
AGLN-NANO-KIT*
AGLN250V2-VQG100
$ 99
• Supports basic IGLOO nano
low power FPGA design, including
Flash*Freeze mode
• Free one-year Libero SoC software
and Gold license
• Low-cost programming
stick (LCPS)
• Two USB cables
• Kit user’s guide, Libero SoC
tutorial and design examples
• PCB schematics, layout files
and BOM
• Board features
- All I/Os available for external
connections
- Full current measurement
capability of independent
I/O banks and VCC
- USB connection for USB-to-
serial (RS232) interface for
HyperTerminal or power
- 20 MHz clock oscillator
- LEDs and switches for simple
inputs and outputs
- Ability to switch VCORE from
1.2 V to 1.5 V
- RoHS compliant
20 MHz
Clock Oscillator
IGLOO nano
FPGA
I/O Test Pin
Headers
USB
Interface
5 V Wall
Jack
Jumpers
for Voltage
Options
Jumper
for Battery
Option
4 Push-Button
Switches
LCPS
Connector
Push-Button
Reset Switch
Flash*Freeze
Switch
Current Measurement
Headers
8 User LEDs
8 DIP Switches
Jumpers to
Isolate User LEDs,
Push-Button
Switches, DIP
Switches for
I/O Test Pins
IGLOO nano Starter Kit
Note:
* Replaces -Z version of the nano Starter Kit.
• Supports basic ProASIC3 FPGA
design and LVDS I/O usage
• Free one-year Libero SoC software
and Gold license
• FlashPro3 or FlashPro4
Programmer
• 9 V power supply and
international adapters
• Kit user’s guide, Libero SoC
tutorial and design examples
• PCB schematics, layout files
and BOM
• Board features
- Eight I/O banks with variety of
voltage options
- Oscillator for system clock or
manual clock option
- LEDs and switches for simple
inputs and outputs
- LCD display module
- Two CAT5E RJ45 connectors for
high-speed LVDS communications
- All I/Os available for external
connections
- Not RoHS compliant
Wall Mount
Power
Interboard ISP
Connector
LCD Display
Module
CAT5E RJ45
Connectors
for LVDS
Communications
SMA for
Optional
External
Oscillator
Removable
Shunts to
Isolate All I/Os
for Prototyping
Removable
Shunts to
Isolate All I/Os
for Prototyping
Oscillator for
System
Clock
Manual
Clock Option
FlashPro3
ISP Connector
ProASIC3/E in
PQ208 Package
4 Switches
Every PQ208
Pin Accessible
for Prototyping
8 LEDs
Removable Shunts to Isolate
All I/Os for Prototyping
ProASIC3 Starter Kit
Ordering Codes
Supported Devices
Price
A3PE-PROTO-KIT
A3PE1500-PQ208
$ 665
• Supports royalty-free, industry-
standard ARM Cortex-M1 or
8051s development
• Free one-year Libero SoC software
and Gold license with SoftConsole
for program and debug
• Low-cost programming
stick (LCPS)
• 5 V power supply and
international adapters
• Two USB cables
• Kit user’s guide, Libero SoC
tutorial and design examples
• PCB schematics, layout files
and BOM
• Board features
- 512 KB SRAM, 2 MB SPI flash
memory provided on board
- 10/100 Ethernet and I2C interfaces
- USB-to-UART connection for
HyperTerminal on a PC
- Built-in voltage, current and
temperature monitor and
voltage potentiometer
- Mixed signal interface
- Blue OLED 96x16 pixel display
- Dynamic reconfigurable analog
and flash memory
- FlashPro3 and RealView
debug interface
- RoHS compliant
User
LEDs
LCPS
Connector
OLED
Mixed Signal
Test Pins
Mixed Signal
Header
Push-Button
Switch
Fusion
FPGA
SPI
Flash
Ethernet
Interface
RealView
Header
Push-
Button
Switch
Interface
Connector
USB
Interface
Push-
Button
PUB
Two I2C
Interfaces
Potentiometer
Push-
Button
Reset
SRAM
5 V Wall
Jack
Ethernet
LEDs
Jumpers
for Internal
or External
Regulator
Fusion Embedded Development Kit
Ordering Code
Supported Device
Price
M1AFS-EMBEDDED-KIT
M1AFS1500-FGG484
$ 250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com