Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S005 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button M2S005 Datasheet HTML 8Page - Microsemi Corporation M2S005 Datasheet HTML 9Page - Microsemi Corporation M2S005 Datasheet HTML 10Page - Microsemi Corporation M2S005 Datasheet HTML 11Page - Microsemi Corporation M2S005 Datasheet HTML 12Page - Microsemi Corporation M2S005 Datasheet HTML 13Page - Microsemi Corporation M2S005 Datasheet HTML 14Page - Microsemi Corporation M2S005 Datasheet HTML 15Page - Microsemi Corporation M2S005 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12 www.microsemi.com/products/fpga-soc/fpga/proasic3l
Notes:
1. Refer to the Cortex-M1 product brief for more information.
2. AES is not available for Cortex-M1 ProASIC3L devices.
3. For the A3PE3000L, the PQ208 package has six CCCs and two PLLs.
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the packaging section of the datasheet to ensure you are complying with design and board migration requirements.
2. For A3P250L devices, the maximum number of LVPECL pairs in east and west banks cannot exceed 15.
3. ARM Cortex-M1 support is TBD on this device.
4. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
5. FG256 and FG484 are footprint-compatible packages.
6. “G” indicates RoHS-compliant packages. Refer to “ProASIC3L Ordering Information” on page 3 of the datasheet for the location of the “G” in the part number.
7. For A3PE3000L devices, the usage of certain I/O standards is limited as follows:
– SSTL3(I) and (II): up to 40 I/Os per north or south bank
– LVPECL / GTL+ 3.3 V / GTL 3.3 V: up to 48 I/Os per north or south bank
– SSTL2(I) and (II) / GTL+ 2.5 V/ GTL 2.5 V: up to 72 I/Os per north or south bank
8. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not as a regular I/O, the number of single-ended user I/Os available is reduced by one.
ProASIC3L
Balancing low power, performance and low cost
ProASIC3L FPGAs feature 40 percent lower dynamic power and 90 percent lower static power than the previous generation ProASIC3 FPGAs and orders of
magnitude lower power than SRAM competitors, combining dramatically reduced power consumption with up to 350 MHz operation. The ProASIC3L family also
supports the free implementation of an FPGA-optimized 32-bit ARM Cortex-M1 processor, enabling system designers to select Microsemi’s flash FPGA solution
that best meets their speed and power design requirements, regardless of application or volume. Optimized software tools using power-driven layout (PDL)
provide instant power reduction capabilities.
I/Os Per Package1
ProASIC3L Low Power Devices
ProASIC3L Devices
A3P250L
A3P600L
A3P1000L
A3PE3000L
ARM Cortex-M1 Devices1
M1A3P600L
M1A3P1000L
M1A3PE3000L
System Gates
250,000
600,000
1,000,000
3,000,000
VersaTiles (D-flip-flops)
6,144
13,824
24,576
75,264
RAM (1,024 bits)
36
108
144
504
4,608-Bit Blocks
8
24
32
112
FlashROM Kbits (1,024 bits)
1
1
1
1
AES-Protected ISP2
Yes
Yes
Yes
Yes
Integrated PLL in CCCs3
1
1
1
6
VersaNet Globals
18
18
18
18
I/O Banks
4
4
4
8
Maximum User I/Os
(packaged device)
157
235
300
620
Package Pins
VQ
PQ
FG
VQ100
PQ208
FG144, FG256
PQ208
FG144, FG256, FG484
PQ208
FG144, FG256, FG484
PQ208
FG324, FG484, FG896
ProASIC3L Devices
A3P250L2
A3P600L
A3P1000L
A3PE3000L
ARM Cortex-M1 Devices
M1A3P600L
M1A3P1000L
M1A3PE3000L3
I/O Type
Single-
Ended I/O4
Differential
I/O Pairs
Single-
Ended I/O4
Differential
I/O Pairs
Single-
Ended I/O4
Differential
I/O Pairs
Single-
Ended I/O4
Differential
I/O Pairs
VQ100
68
13
—
—
—
—
—
—
PQ208
151
34
154
35
154
35
147
65
FG144
97
24
97
25
97
25
—
—
FG256
157
38
177
43
177
44
—
—
FG324
—
—
—
—
—
—
221
110
FG484
—
—
235
60
300
74
341
168
FG896
—
—
—
—
—
—
620
310
• Low power 1.2 V to 1.5 V
core operation
• 700 Mbps DDR, LVDS
capable I/Os
• Up to 350 MHz
system performance
• Configuration memory error
immune
• ISP and security
• Flash*Freeze technology
for low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com