Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S005 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 4 Page - Microsemi Corporation

  M2S005 Datasheet HTML 1Page - Microsemi Corporation M2S005 Datasheet HTML 2Page - Microsemi Corporation M2S005 Datasheet HTML 3Page - Microsemi Corporation M2S005 Datasheet HTML 4Page - Microsemi Corporation M2S005 Datasheet HTML 5Page - Microsemi Corporation M2S005 Datasheet HTML 6Page - Microsemi Corporation M2S005 Datasheet HTML 7Page - Microsemi Corporation M2S005 Datasheet HTML 8Page - Microsemi Corporation M2S005 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4 www.microsemi.com/products/fpga-soc/soc-fpga/smartfusion2
Type
FCS325
VF256
VF400
FCV484
VQ144
FG484
FG676
FG896
FC1152
Pitch (mm)
0.5
0.8
0.8
0.8
0.5
1.0
1.0
1.0
1.0
Length x Width (mm)
11x11
14x14
17x17
19x19
20x20
23x23
27x27
31x31
35x35
Device
I/O
Lanes
I/O
Lanes
I/O
Lanes
I/O
Lanes
I/O
Lanes
I/O
Lanes
I/O
Lanes
I/O
Lanes
I/O
Lanes
M2S005 (S)
—
—
—
—
171
—
—
83¹
—
209
—
—
—
—
—
—
—
M2S010 (S/T/TS)
—
—
148¹
2¹
195
4
—
—
75¹
—
233
4
—
—
—
—
—
—
M2S025 (S/T/TS)
180
2
148¹
2¹
207
4
—
—
—
—
267
4
—
—
—
—
—
—
M2S050 (S/T/TS)
200
2
—
—
207
4
—
—
—
—
267
4
—
—
377
8
—
—
M2S090 (S/T/TS)²
200¹
4¹
—
—
—
—
—
—
—
—
267
4
425
4
—
—
—
—
M2S100 (S/T/TS)
—
—
—
—
—
—
273¹
4¹
—
—
—
—
—
—
—
—
574
8
M2S150 (S/T/TS)
—
—
—
—
—
—
273¹
4¹
—
—
—
—
—
—
—
—
574
16
Notes:
1. Preliminary.
2. 090 FCS325 is 11x13.5 package dimension.
SmartFusion2
The next-generation System-on-Chip FPGA
Microsemi’s next-generation SmartFusion2 System-on-Chip (SoC) FPGAs are the only devices that address fundamental requirements for advanced security,
high reliability and low power in critical industrial, military, aviation, communications and medical applications. SmartFusion2 integrates an inherently reliable
flash-based FPGA fabric, a 166 MHz ARM Cortex-M3 processor, advanced security processing accelerators, DSP blocks, SRAM, eNVM and industry-required
high-performance communication interfaces all on a single chip.
SmartFusion2 Devices
I/Os Per Package
SmartFusion2 Devices
M2S005
M2S010
M2S025
M2S050
M2S090
M2S100
M2S150
Logic/DSP
Maximum Logic Elements
(4LUT + DFF)1
6,060
12,084
27,696
56,340
86,316
99,512
146,124
Math Blocks (18x18)
11
22
34
72
84
160
240
Fabric Interface Controllers (FICs)
1
2
PLLs and CCCs
2
6
8
Security
AES256, SHA256, RNG
AES256, SHA256, RNG, ECC, PUF
Microcontroller
Subsystem
(MSS)
Cortex-M3 + Instruction Cache
Yes
eNVM (K Bytes)
128
256
512
eSRAM (K Bytes)
64
eSRAM (K Bytes) Non SECDED
80
CAN, 10/100/1000 Ethernet,
HS USB
1 each
Multi-Mode UART, SPI, I2C, Timer
2 each
Fabric Memory
LSRAM 18 K Blocks
10
21
31
69
109
160
236
uSRAM 1 K Blocks
11
22
34
72
112
160
240
Total RAM (K bits)
191
400
592
1314
2074
3040
4488
High Speed
DDR Controllers (count x width)
1x18
2x36
1x18
2x36
SERDES Lanes (T)
0
4
8
4
8
16
PCIe End Points
0
1
2
4
User I/O
MSIO (3.3 V)
115
123
157
139
309
292
292
MSIOD (2.5 V)
28
40
40
62
40
106
106
DDRIO (2.5 V)
66
70
70
176
76
176
176
Total User I/O
209
233
267
377
425
574
574
Notes:
1. Total logic may vary based on utilization of DSP and memories in your design. Please see the SmartFusion2 Fabric UG for details.
2. Feature availablility is package dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com