Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S005 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button M2S005 Datasheet HTML 19Page - Microsemi Corporation M2S005 Datasheet HTML 20Page - Microsemi Corporation M2S005 Datasheet HTML 21Page - Microsemi Corporation M2S005 Datasheet HTML 22Page - Microsemi Corporation M2S005 Datasheet HTML 23Page - Microsemi Corporation M2S005 Datasheet HTML 24Page - Microsemi Corporation M2S005 Datasheet HTML 25Page - Microsemi Corporation M2S005 Datasheet HTML 26Page - Microsemi Corporation M2S005 Datasheet HTML 27Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
24 www.microsemi.com/products/fpga-soc/design-resources/dev-kits-boards
• Allows users to evaluate
the functionality of Microsemi’s
Core1553BRM without having to
create a complete MIL-STD-1553B
compliant system
• Fusion Advanced Development Kit
with two 9 V power supplies
• Core1553 daughter card
• User’s guide, tutorial and
design example
• PCB schematics, layout files
and BOM
• Purchasing the kit gives the owner
the right to the programming file
of the demo, but not an evaluation
of the IP. The IP evaluation or
purchase is quoted separately.
• Board features
- MIL-STD-1553B transceiver, two
transformers and two concentric
twinax connectors included on
the Core1553 daughter board
~ MIL-STD-1553B concentric
twinax connectors are center
pin signal high and cylindrical
contact signal low
~ Connectivity is
MIL-C-49142 compliant
~ Evaluate and develop
medium speed on-board data
communications bus solutions
for MIL-STD-1553B /
UK DEF-STAN 00-18 (Pt.2) /
NATO STANAG 3838 AVS /
Avionic Standards Coordinating
Committee Air-Std 50/2
- CAN bus interface support
- Connector to ARINC 429
Daughter Board (CORE429-SA)
Fusion Advanced Development Kit
Core1553-SA
Core1553 Development Kit
Ordering Code
Description
Price
CORE1553-DEV-KIT
Core1553 Development Kit
$ 3,620
CORE1553-SA
Core1553 daughter card
$ 2,900
M1AFS-ADV-DEV-KIT-PWR
M1AFS-ADV-DEV-KIT with two 9 V power packs
$ 750
Additional Summary
Family
Ordering Code
Name
Device
Price
Power
SmartFusion
MPM-DC-KIT
MPM Daughter Card
none
$ 299
9 V
SmartFusion
MIXED-SIGNAL-DC
Mixed Signal Daughter Card
none
$ 55
N/A
Fusion
AFS-EVAL-KIT
Fusion Starter Kit
AFS600-FG256
$ 500
9 V
Fusion
M1AFS-ADV-DEV-KIT-PWR
Fusion Advanced Development Kit
M1AFS1500-FGG484
$ 750
9 V
IGLOO
AGLN-NANO-KIT*
IGLOO nano Starter Kit
AGLN250V2-ZVQG100
$ 99
USB
IGLOO
AGL-ICICLE-KIT
IGLOO Icicle Evaluation Kit
AGL125V2-QNG132
$ 150
USB
IGLOO
AGLP-EVAL-KIT
IGLOO PLUS Starter Kit
AGLP125V2-CSG289
$ 299
5 V
IGLOO
M1AGL1000-DEV-KIT
ARM Cortex-M1 IGLOO Development Kit
M1AGL1000V2-FGG484
$ 550
5 V
ProASIC3
A3PE-PROTO-KIT*
ProASIC3 Starter Kit
A3PE1500-PQ208
$ 665
9 V
ProASIC3
M1A3PL-DEV-KIT
ARM Cortex-M1 ProASIC3L Development Kit
M1A3P1000L-FGG484
$ 550
5 V
*Most recommended Kit for each product family
Microsemi offers hardware choices for SoC FPGA and FPGA products. The table below lists additional popular kits available. Full details of these kits can also be
found online with user’s guides and accompanying tutorials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com