Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S005 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button M2S005 Datasheet HTML 2Page - Microsemi Corporation M2S005 Datasheet HTML 3Page - Microsemi Corporation M2S005 Datasheet HTML 4Page - Microsemi Corporation M2S005 Datasheet HTML 5Page - Microsemi Corporation M2S005 Datasheet HTML 6Page - Microsemi Corporation M2S005 Datasheet HTML 7Page - Microsemi Corporation M2S005 Datasheet HTML 8Page - Microsemi Corporation M2S005 Datasheet HTML 9Page - Microsemi Corporation M2S005 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6 www.microsemi.com/products/fpga-soc/soc-fpga/smartfusion
SmartFusion
The customizable SoC device
SmartFusion SoCs are the only devices that integrate FPGA fabric, an ARM Cortex-M3 processor and programmable analog, offering full customization, IP
protection and ease-of-use. Based on Microsemi’s proprietary flash process, SmartFusion SoCs are ideal for hardware and embedded designers who need a true
system-on-chip that gives more flexibility than traditional fixed-function microcontrollers without the excessive cost of soft processor cores on traditional FPGAs.
• Available in commercial, industrial
and military grades
• Hard 100 MHz 32-bit ARM
Cortex-M3 CPU
• Multi-layer AHB communications
matrix with up to 16 Gbps throughput
• 10/100 Ethernet MAC
• Two peripherals of each type:
SPI, I2C, UART and 32-bit timers
• Up to 512 KB flash and
64 KB SRAM
• External memory controller (EMC)
• 8-channel DMA controller
• Integrated analog-to-digital
converters (ADCs) and digital-
to-analog converters (DACs)
with 1 percent accuracy
• On-chip voltage, current and
temperature monitors
• Up to ten 15 ns high-speed
comparators
• Analog compute engine (ACE)
offloads CPU from analog
processing
• Up to 35 analog I/Os and
169 digital GPIOs
SmartFusion Devices
Notes:
1. Not available on A2F500 for the PQ208 package.
2. Two PLLs are available in CS288 and FG484 (one PLL in FG256 and PQ208).
3. These functions share I/O pins and may not all be available at the same time. See the “Analog Front-End Overview” section in the SmartFusion Programmable Analog User’s Guide for details.
4. Available on FG484 only. PQ208, FG256 and CS288 packages offer the same programmable analog capabilities as A2F200.
Notes:
1. There are no LVTTL capable direct inputs available on A2F060 devices.
2. These pins are shared between direct analog inputs to the ADCs and voltage/current/temperature monitors.
3. EMC is not available on the A2F500 PQ208 and A2F060 TQ144 package.
Package I/Os: MSS + FPGA I/Os
SmartFusion Devices
A2F060
A2F200
A2F500
FPGA Fabric
System Gates
60,000
200,000
500,000
Tiles (D-flip-flops)
1,536
4,608
11,520
RAM Blocks (4,608 bits)
8
8
24
Microcontroller
Subsystem (MSS)
Flash (Kbytes)
128
256
512
SRAM (Kbytes)
16
64
64
Cortex-M3 with
Memory Protection Unit (MPU)
Yes
Yes
Yes
10/100 Ethernet MAC
No
Yes
Yes
External Memory Controller (EMC)
26-bit address, 16-bit data1
26-bit address, 16-bit data
26-bit address, 16-bit data1
DMA
8 Ch
8 Ch
8 Ch
I2C
2
2
2
SPI
1
1
1
16550 UART
2
2
2
32-Bit Timer
2
2
2
PLL
1
1
22
32 KHz Low Power Oscillator
1
1
1
100 MHz On-Chip RC Oscillator
1
1
1
Main Oscillator (32 KHz to 20 MHz)
1
1
1
Programmable
Analog
ADCs (8-/10-/12-bit SAR)
1
2
34
DACs (12-bit sigma-delta)
1
2
34
Signal Conditioning Blocks (SCBs)
1
4
54
Comparators3
2
8
104
Current Monitors3
1
4
54
Temperature Monitors3
1
4
54
Bipolar High Voltage Monitors3
2
8
104
Device
A2F0601
A2F2002
A2F5002
TQ144
CS288
FG256
PQ208
CS288
FG256
FG484
PQ208
CS288
FG256
FG484
Direct Analog Inputs
11
11
11
8
8
8
8
8
8
8
12
Shared Analog Inputs1
4
4
4
16
16
16
16
16
16
16
20
Total Analog Input
15
15
15
24
24
24
24
24
24
24
32
Total Analog Output
1
1
1
1
2
2
2
1
2
2
3
MSS I/Os2
212
282
262
22
31
25
41
22
31
25
41
FPGA I/Os
33
68
66
66
78
66
94
663
78
66
128
Total I/Os
70
112
108
113
135
117
161
113
135
117
204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com