Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
11
3686F–DFLASH–1/2014
AT25DF321A
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to determine if the data
bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status Register will
be reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
Figure 8-1. Byte Program
Figure 8-2. Page Program
8.2
Dual-Input Byte/Page Program
The Dual-Input Byte/Page Program command is similar to the standard Byte/Page Program command and can be used to
program anywhere from a single byte of data up to 256-bytes of data into previously erased memory locations. Unlike the
standard Byte/Page Program command, however, the Dual-Input Byte/Page Program command allows two bits of data to be
clocked into the device on every clock cycle rather than just one.
Before the Dual-Input Byte/Page Program command can be started, the Write Enable command must have been previously
issued to the device (see “Write Enable” on page 18) to set the Write Enable Latch (WEL) bit of the Status Register to a logical
“1” state. To perform a Dual-Input Byte/Page Program command, an opcode of A2h must be clocked into the device followed
by the three address bytes denoting the first byte location of the memory array to begin programming at. After the address
bytes have been clocked in, data can then be clocked into the device two bits at a time on both the SOI and SI pins.
The data is always input with the MSB of a byte first, and the MSB is always input on the SOI pin. During the first clock cycle,
bit 7 of the first data byte would be input on the SOI pin while bit 6 of the same data byte would be input on the SI pin. During
the next clock cycle, bits 5 and 4 of the first data byte would be input on the SOI and SI pins, respectively. The sequence would
continue with each byte of data being input after every four clock cycles. Like the standard Byte/Page Program command, all
data clocked into the device is stored in an internal buffer.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com