Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
27
3686F–DFLASH–1/2014
AT25DF321A
10.3
Read Sector Lockdown Registers
The Sector Lockdown Registers can be read to determine the current lockdown status of each physical 64-Kbyte sector. To
read the Sector Lockdown Register for a particular 64-Kbyte sector, the CS pin must first be asserted and the opcode of 35h
must be clocked in. Once the opcode has been clocked in, three address bytes designating any address within the 64-Kbyte
sector must be clocked in. After the address bytes have been clocked in, data will be output on the SO pin during every
subsequent clock cycle. The data being output will be a repeating byte of either FFh or 00h to denote the value of the
appropriate Sector Lockdown Register.
At clock frequencies above fCLK, the first byte of data output will not be valid. Therefore, if operating at clock frequencies
above fCLK, at least two bytes of data must be clocked out from the device in order to determine the correct status of the
appropriate Sector Lockdown Register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can be
deasserted at any time and does not require that a full byte of data be read.
Figure 10-3. Read Sector Lockdown Register
10.4
Program OTP Security Register
The device contains a specialized OTP (One-Time Programmable) Security Register that can be used for purposes such as
unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc. The OTP Security
Register is independent of the main Flash memory array and is comprised of a total of 128-bytes of memory divided into two
portions. The first 64-bytes (byte locations 0 through 63) of the OTP Security Register are allocated as a one-time user-
programmable space. Once these 64-bytes have been programmed, they cannot be erased or reprogrammed. The remaining
64-bytes of the OTP Security Register (byte locations 64 through 127) are factory programmed by Adesto® and will contain a
unique value for each device. The factory programmed data is fixed and cannot be changed.
Table 10-2.
Read Sector Lockdown Register – Output Data
Output Data
Sector Lockdown Register Value
00h
Sector Lockdown Register value is 0 (sector is not locked down)
FFh
Sector Lockdown Register value is 1 (sector is permanently locked down)
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110101
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
A
A
MSB
XXXXXXX
X
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DON'T CARE
DATA BYTE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com