Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
31
3686F–DFLASH–1/2014
AT25DF321A
Notes:
1. Only bits 4 and 3 of Status Register Byte 2 will be modified when using the Write Status Register Byte 2 command
2. R/W = Readable and writeable
R = Readable only
11.1.1
SPRL Bit
The SPRL bit is used to control whether the Sector Protection Registers can be modified or not. When the SPRL bit is in the
logical “1” state, all Sector Protection Registers are locked and cannot be modified with the Protect Sector and Unprotect
Sector commands (the device will ignore these commands). In addition, the Global Protect and Global Unprotect features
cannot be performed. Any sectors that are presently protected will remain protected, and any sectors that are presently
unprotected will remain unprotected.
When the SPRL bit is in the logical “0” state, all Sector Protection Registers are unlocked and can be modified (the Protect
Sector and Unprotect Sector commands, as well as the Global Protect and Global Unprotect features, will be processed as
normal). The SPRL bit defaults to the logical “0” state after device power-up. The Reset command has no effect on the SPRL
bit.
The SPRL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin is asserted, then the SPRL
bit may only be changed from a logical “0” (Sector Protection Registers are unlocked) to a logical “1” (Sector Protection
Registers are locked). In order to reset the SPRL bit back to a logical “0” using the Write Status Register Byte 1 command, the
WP pin will have to first be deasserted.
The SPRL bit is the only bit of Status Register Byte 1 that can be user modified via the Write Status Register Byte 1 command.
11.1.2
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one byte during the
erase or program operation did not erase or program properly, then the EPE bit will be set to the logical “1” state. The EPE bit
will not be set if an erase or program operation aborts for any reason such as an attempt to erase or program a protected region
or a locked down sector, an attempt to erase or program a suspended sector, or if the WEL bit is not set prior to an erase or
program operation. The EPE bit will be updated after every erase and program operation.
Table 11-2. Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
RES
Reserved for future use
R
0
Reserved for future use
6
RES
Reserved for future use
R
0
Reserved for future use
5
RES
Reserved for future use
R
0
Reserved for future use
4
RSTE
Reset Enabled
R/W
0
Reset command is disabled (default)
1
Reset command is enabled
3
SLE
Sector Lockdown Enabled
R/W
0
Sector Lockdown and Freeze Sector Lockdown State
commands are disabled (default)
1
Sector Lockdown and Freeze Sector Lockdown State
commands are enabled
2
PS
Program Suspend Status
R
0
No sectors are program suspended (default)
1
A sector is program suspended
1
ES
Erase Suspend Status
R
0
No sectors are erase suspended (default)
1
A sector is erase suspended
0
RDY/BS
Y
Ready/Busy Status
R
0
Device is ready
1
Device is busy with an internal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com