Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
23
3686F–DFLASH–1/2014
AT25DF321A
If the desire is to only change the SPRL bit without performing a Global Protect or Global Unprotect, then the system can
simply write a 0Fh to the first byte of the Status Register to change the SPRL bit from a logical “1” to a logical “0” provided
the WP pin is deasserted. Likewise, the system can write an F0h to change the SPRL bit from a logical “0” to a logical “1”
without affecting the current sector protection status (no changes will be made to the Sector Protection Registers).
When writing to the first byte of the Status Register, bits five, four, three and two will not actually be modified but will be
decoded by the device for the purposes of the Global Protect and Global Unprotect functions. Only bit seven, the SPRL bit,
will actually be modified. Therefore, when reading the first byte of the Status Register, bits five, four, three and two will not
reflect the values written to them but will instead indicate the status of the WP pin and the sector protection status. Please refer
to “Read Status Register” on page 30 and Table 11-1 on page 30 for details on the Status Register format and what values can be
read for bits five, four, three and two.
9.6
Read Sector Protection Registers
The Sector Protection Registers can be read to determine the current software protection status of each sector. Reading the
Sector Protection Registers, however, will not determine the status of the WP pin.
To read the Sector Protection Register for a particular sector, the CS pin must first be asserted and the opcode of 3Ch must be
clocked in. Once the opcode has been clocked in, three address bytes designating any address within the sector must be
clocked in. After the last address byte has been clocked in, the device will begin outputting data on the SO pin during every
subsequent clock cycle. The data being output will be a repeating byte of either FFh or 00h to denote the value of the
appropriate Sector Protection Register.
At clock frequencies above fCLK, the first byte of data output will not be valid. Therefore, if operating at clock frequencies
above fCLK, at least two bytes of data must be clocked out from the device in order to determine the correct status of the
appropriate Sector Protection Register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can be
deasserted at any time and does not require that a full byte of data be read.
In addition to reading the individual Sector Protection Registers, the Software Protection Status (SWP) bits in the Status
Register can be read to determine if all, some, or none of the sectors are software protected (refer to “Read Status Register” on
page 30
for more details).
Figure 9-5. Read Sector Protection Register
Table 9-3.
Read Sector Protection Register-Output Data
Output Data
Sector Protection Register Value
00h
Sector Protection Register value is 0 (sector is unprotected).
FFh
Sector Protection Register value is 1 (sector is protected).
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111100
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
AAA
A
A
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DATA BYTE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com