Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT25DF321A Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
3686F–DFLASH–1/2014
AT25DF321A
1.
Description
The AT25DF321A is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer
based applications in which program code is shadowed from Flash memory into embedded or external RAM for execution.
The flexible erase architecture of the AT25DF321A, with its erase granularity as small as 4-Kbytes, makes it ideal for data
storage as well, eliminating the need for additional data storage EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DF321A have been optimized to meet the needs of today's code
and data storage applications. By optimizing the size of the physical sectors and erase blocks, the memory space can be used
much more efficiently. Because certain code modules and data storage segments must reside by themselves in their own
protected sectors, the wasted and unused memory space that occurs with large sectored and large block erase Flash memory
devices can be greatly reduced. This increased memory space efficiency allows additional code routines and data storage
segments to be added while still maintaining the same overall device density.
The AT25DF321A also offers a sophisticated method for protecting individual sectors against erroneous or malicious program
and erase operations. By providing the ability to individually protect and unprotect sectors, a system can unprotect a specific
sector to modify its contents while keeping the remaining sectors of the memory array securely protected. This is useful in
applications where program code is patched or updated on a subroutine or module basis, or in applications where data storage
segments need to be modified without running the risk of errant modifications to the program code segments. In addition to
individual sector protection capabilities, the AT25DF321A incorporates Global Protect and Global Unprotect features that
allow the entire memory array to be either protected or unprotected all at once. This reduces overhead during the
manufacturing process since sectors do not have to be unprotected one-by-one prior to initial programming.
To take code and data protection to the next level, the AT25DF321A incorporates a sector lockdown mechanism that allows
any combination of individual 64-Kbyte sectors to be locked down and become permanently read-only. This addresses the
need of certain secure applications that require portions of the Flash memory array to be permanently protected against
malicious attempts at altering program code, data modules, security information, or encryption/decryption algorithms, keys,
and routines. The device also contains a specialized OTP (One-Time Programmable) Security Register that can be used for
purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc.
Specifically designed for use in 3V systems, the AT25DF321A supports read, program, and erase operations with a supply
voltage range of 2.7V to 3.6V. No separate voltage is required for programming and erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com