Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
28
3686F–DFLASH–1/2014
AT25DF321A
The user-programmable portion of the OTP Security Register does not need to be erased before it is programmed. In addition,
the Program OTP Security Register command operates on the entire 64-byte user-programmable portion of the OTP Security
Register at one time. Once the user-programmable space has been programmed with any number of bytes, the user-
programmable space cannot be programmed again; therefore, it is not possible to only program the first two bytes of the
register and then program the remaining 62-bytes at a later time.
Before the Program OTP Security Register command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a logical “1”. To program the OTP Security Register, the CS pin must first
be asserted and an opcode of 9Bh must be clocked into the device followed by the three address bytes denoting the first byte
location of the OTP Security Register to begin programming at. Since the size of the user-programmable portion of the OTP
Security Register is 64-bytes, the upper order address bits do not need to be decoded by the device. Therefore, address bits
A23-A6 will be ignored by the device and their values can be either a logical “1” or “0”. After the address bytes have been
clocked in, data can then be clocked into the device and will be stored in the internal buffer.
If the starting memory address denoted by A23-A0 does not start at the beginning of the OTP Security Register memory space
(A5-A0 are not all 0), then special circumstances regarding which OTP Security Register locations to be programmed will
apply. In this situation, any data that is sent to the device that goes beyond the end of the 64-byte user-programmable space
will wrap around back to the beginning of the OTP Security Register. For example, if the starting address denoted by A23-A0
is 00003Eh, and three bytes of data are sent to the device, then the first two bytes of data will be programmed at OTP Security
Register addresses 00003Eh and 00003Fh while the last byte of data will be programmed at address 000000h. The remaining
bytes in the OTP Security Register (addresses 000001h through 00003Dh) will not be programmed and will remain in the
erased state (FFh). In addition, if more than 64-bytes of data are sent to the device, then only the last 64-bytes sent will be
latched into the internal buffer.
When the CS pin is deasserted, the device will take the data stored in the internal buffer and program it into the appropriate
OTP Security Register locations based on the starting address specified by A23-A0 and the number of data bytes sent to the
device. If less than 64-bytes of data were sent to the device, then the remaining bytes within the OTP Security Register will
not be programmed and will remain in the erased state (FFh). The programming of the data bytes is internally self-timed and
should take place in a time of tOTPP. It is not possible to suspend the programming of the OTP Security Register.
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin is deasserted,
and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the
operation and the user-programmable portion of the OTP Security Register will not be programmed. The WEL bit in the Status
Register will be reset back to the logical “0” state if the OTP Security Register program cycle aborts due to an incomplete
address being sent, an incomplete byte of data being sent, the CS pin being deasserted on uneven byte boundaries, or because
the user-programmable portion of the OTP Security Register was previously programmed.
While the device is programming the OTP Security Register, the Status Register can be read and will indicate that the device is
busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tOTPP time to
determine if the data bytes have finished programming. At some point before the OTP Security Register programming
completes, the WEL bit in the Status Register will be reset back to the logical “0” state.
Table 10-3.
OTP Security Register
Security Register
Byte Number
0
1
. . .
62636465
. . .
126
127
One-Time User Programmable
Factory Programmed by Adesto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com