Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
34
3686F–DFLASH–1/2014
AT25DF321A
11.2
Write Status Register Byte 1
The Write Status Register Byte 1 command is used to modify the SPRL bit of the Status Register and/or to perform a Global
Protect or Global Unprotect operation. Before the Write Status Register Byte 1 command can be issued, the Write Enable
command must have been previously issued to set the WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register Byte 1 command, the CS pin must first be asserted and the opcode of 01h must be clocked
into the device followed by one byte of data. The one byte of data consists of the SPRL bit value, a don’t care bit, four data bits
to denote whether a Global Protect or Unprotect should be performed, and two additional don’t care bits (see Table 11-3). Any
additional data bytes that are sent to the device will be ignored. When the CS pin is deasserted, the SPRL bit in the Status
Register will be modified, and the WEL bit in the Status Register will be reset back to a logical “0”. The values of bits five,
four, three and two and the state of the SPRL bit before the Write Status Register Byte 1 command was executed (the prior
state of the SPRL bit) will determine whether or not a Global Protect or Global Unprotect will be performed. Please refer to
“Global Protect/Unprotect” on page 21
for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of the
SPRL bit will not change, no potential Global Protect or Unprotect will be performed, and the WEL bit in the Status Register
will be reset back to the logical “0” state.
If the WP pin is asserted, then the SPRL bit can only be set to a logical “1”. If an attempt is made to reset the SPRL bit to a
logical “0” while the WP pin is asserted, then the Write Status Register Byte 1 command will be ignored, and the WEL bit in
the Status Register will be reset back to the logical “0” state. In order to reset the SPRL bit to a logical “0”, the WP pin must be
deasserted.
Figure 11-2.Write Status Register Byte 1
Table 11-3.
Write Status Register Byte 1 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPRL
X
Global Protect/Unprotect
X
X
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
4
OPCODE
10 11
9
814 15
13
12
1
MSB
DXD
D
D
D
X
X
STATUS REGISTER IN
BYTE 1
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com