Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-R10K Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 10Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 11Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 12Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 13Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 14Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 15Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 16Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 17Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
14
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Illuminated Pushbuttons
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Bezel
M22 = Silver
M22S = Black
M 2 2 – D R L –R – G B 0 – K 1 0 – 2 3 0 R
Silver bezel only.
Operator Type
DL = Illuminated flush momentary
DLH = Illuminated extended momentary
DGL = Illuminated flush momentary with guard
DRL = Illuminated flush maintained
DGLH = Illuminated extended momentary with guard
DRLH = Illuminated extended maintained
Light Units
12–30 Vac/dc
W = White
R =Red
G = Green
B =Blue
85–264 Vac
230W = White
230R =Red
230G = Green
230B =Blue
Inscription
GB0 =STOP
GB1 = START
GB2 = CLOSE
GB3 =UP
GB4 = DOWN
GB5 =OFF
GB6 =ON
GB14 = RESET
GB15 = FORWARD
GB16 = REVERSE
X0 =
X1 =
X4 =
X5 =
X6 =
Contact Blocks
K10 =1NO
K01 =1NC
K20 =2NO
K02 =2NC
K11 = 1NO-1NC
K30 =3NO
K03 =3NC
K21 = 2NO-1NC
K12 = 1NO-2NC
Lens Color
W = White
R =Red
G = Green
Y = Yellow
B =Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com