Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-R10K Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 22Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 23Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 24Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 25Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 26Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 27Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 28Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 29Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
26
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Emergency Stops
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Product Selection
Non-Illuminated Emergency Stops
Complete Devices
Note
Discount Symbol: 1CD1.
Type
Color
Contact Block Configuration
Catalog Number
Price U.S. $
Push-Pull
Red
NC
M22-PV-K01
30.75
2NC
M22-PV-K02
40.75
1NO-2NC
M22-PV-K12
50.50
Twist-to-
Release
Red
NC
M22-PVT-K01
46.75
2NC
M22-PVT-K02
57.00
1NO-2NC
M22-PVT-K12
66.50
Key Release
Red
NC
M22-PVS-K01
77.00
2NC
M22-PVS-K02
87.00
1NO-2NC
M22-PVS-K12
96.50
Operator Color
M22 =Red
M22S = Black
M 2 2 – P V T – M S 2 – K 1 0 – 2 3 0 R
Operator Type
PV = Non-illuminated push-pull
emergency stop
PVT = Non-illuminated twist-to-release
emergency stop
PVS = Non-illuminated keyed release
(red operator only)
PVL = Illuminated push-pull
emergency stop
PVLT = Illuminated twist-to-release
emergency stop
Contact Blocks
K10 =NO
K10P = NO, Early-Make
K01 =NC
K01D = NC, Late-Break
CK10 =NO
CK01 =NC
CK01D = NC, Late-Break
Ck20 =2NO
CK02 =2NC
CK11 = NO-NC
Key Release Code
Blank =MS1
MS2 =MS2
MS3 =MS3
MS4 =MS4
MS5 =MS5
MS6 =MS6
MS7 =MS7
MS8 =MS8
Light Units
12–30 Vac/dc
W = White
R =Red
G = Green
B =Blue
85–264 Vac
230W = White
230R =Red
230G = Green
230B =Blue
M22-PV-K01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com