Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-R10K Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 42Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 43Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 44Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 45Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 46Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 47Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 48Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 49Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
46
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Selection
Non-Illuminated Mushroom Head Pushbuttons, Maintained
Complete Devices
Operators Only
Notes
35 mm diameter mushroom head button.
Maintained pushbuttons can be converted in the field to momentary operation by switching the locking ring,
which is accessible through the side of the operator body.
Discount Symbol: 1CD1.
Note:
This pilot device features a selectable function switch that enables the device
to be set to either maintained or momentary operation.
Bezel
Button Color
Contact Block Configuration
Catalog Number
Price U.S. $
Silver
Red
NC
M22-DRP-R-K01
49.50
2NC
M22-DRP-R-K02
59.50
1NO-2NC
M22-DRP-R-K12
69.50
1NO-1NC
M22-DRP-R-K11
59.50
Black
Red
NC
M22S-DRP-R-K01
48.00
2NC
M22S-DRP-R-K02
58.00
1NO-2NC
M22S-DRP-R-K12
68.00
1NO-1NC
M22S-DRP-R-K11
58.00
Bezel
Button Color
Catalog Number
Price U.S. $
Silver
Black
M22-DRP-S
39.50
Red
M22-DRP-R
39.50
Green
M22-DRP-G
39.50
Yellow
M22-DRP-Y
39.50
Black
Black
M22S-DRP-S
38.00
Red
M22S-DRP-R
38.00
Green
M22S-DRP-G
38.00
Yellow
M22S-DRP-Y
38.00
M22-DRP-R-K01
M22S-DRP-R-K01
M22-DRP-G
M22S-DRP-G
= Positively driven contact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com