Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-R10K Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 49Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 50Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 51Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 52Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 53Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 54Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 55Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 56Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
53
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Selection
Four-Way Pushbuttons, Momentary
Components
Operators Only
Contact Blocks
Notes
Includes contact block mounting adapter.
For complete listing of available contact blocks, see Accessories, Pages 59–64.
When ordering, specify inscription per catalog number suffix from the symbols library (see Pages 77–84) into the
Order Notes. For example, M22-D4-S-ETCH; Order Notes: Mark with symbol X91, Line item #_.
Discount Symbol: 1CD1.
Type
Bezel
Color
Inscription
Catalog
Number
Price U.S. $
Non-Interlocked
Silver
Black
—
M22-D4-S
138.00
Custom
M22-D4-S-ETCH
139.00
Directional Arrows
M22-D4-S-X7
139.00
Black
Black
—
M22S-D4-S
136.00
Custom
M22S-D4-S-ETCH
137.00
Directional Arrows
M22S-D4-S-X7
137.00
Interlocked
Silver
Black
—
M22-DI4-S
146.00
Custom
M22-DI4-S-ETCH
147.00
Directional Arrows
M22-DI4-S-X7
147.00
Black
Black
—
M22S-DI4-S
144.00
Custom
M22S-DI4-S-ETCH
145.00
Directional Arrows
M22S-DI4-S-X7
145.00
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
max.
5mm
thick
ness
Note: Included
with operator.
M22-D4-S-X7
M22-K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com