Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-R10K Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 29Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 30Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 31Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 32Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 33Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 34Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 35Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 36Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
33
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Non-Illuminated Selector Switches
Components
Contact Blocks
Accessories
Notes
For complete listing of available contact blocks, see Accessories, Pages 59–64.
Plunger needed to actuate center-mounted contact blocks. Used for non-illuminated
3-position selector switches only.
Enables a keyed selector switch to be set to user-selected key withdraw position.
Discount Symbol: 1CD1.
max.
5mm
thick
ness
Note: Included
with operator.
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
M22-K10
Description
Catalog
Number
Price
U.S. $
Plunger Bridge
M22-XW
4.00
Key Cover
M22-XWS
10.00
Key Withdraw Adapter
M22-XC-R
4.00
Coding Adapter
M22-XC-Y
4.00
M22-XC-Y
M22-XWS
M22-XC-R
M22-XW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com