Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-R10K Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 25Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 26Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 27Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 28Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 29Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 30Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 31Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 32Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
29
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Illuminated Emergency Stops
Components
Operators Only
Light Units
Contact Blocks
Accessories
Notes
Includes contact block mounting adapter.
For complete listing of available light units and contact blocks, see Accessories,
Pages 59–64.
Discount Symbol: 1CD1.
max.
5mm
thick
ness
Note: Included
with operator.
Type
Color
Catalog Number
Price
U.S. $
Push-Pull
Red
M22-PVL
46.75
Black
M22S-PVL
46.75
Twist-to-
Release
Red
M22-PVLT
63.00
Black
M22S-PVLT
63.00
Terminal
Type
LED
Color
Light Unit
Voltage
Catalog
Number
Price
U.S. $
Screw
White
12–30
Vac/dc
M22-LED-W
26.00
Red
12–30
Vac/dc
M22-LED-R
26.00
Screw
White
85–264
Vac
M22-LED230-W
26.00
Red
85–264
Vac
M22-LED230-R
26.00
Screw
White
207–264
Vac
M22-LED230H-W
26.00
Red
207–264
Vac
M22-LED230H-R
26.00
M22-PVL
M22-LED-W
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
Description
Catalog
Number
Price
U.S. $
Guard Ring
M22-XGWK
11.25
Yellow Guard Ring
M22-XGPV
16.25
Gray Guard Ring
M22G-XGPV
16.25
Sealing Shroud
M22-PL-PV
22.00
M22-K10
M22-XGWK
M22-XGPV
M22G-XGPV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com