Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-R10K Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 16Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 17Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 18Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 19Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 20Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 21Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 22Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 23Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
20
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Illuminated Pushbuttons, Extended, Momentary
Complete Devices
Operators Only
Notes
Includes contact block mounting adapter.
Discount Symbol: 1CD1.
Bezel
Button Color
Contact Block Configuration
Light Unit Voltage
Catalog Number
Price U.S. $
Silver
Red
1NO/1NC
12–30 Vac/dc
M22-DLH-R-K11-R
57.00
1NO/1NC
85–264 Vac
M22-DLH-R-K11-230R
57.00
Green
2NO
12–30 Vac/dc
M22-DLH-G-K20-G
57.00
2NO
85–264 Vac
M22-DLH-G-K20-230G
57.00
White
2NO
12–30 Vac/dc
M22-DLH-W-K20-W
57.00
2NO
85–264 Vac
M22-DLH-W-K20-230W
57.00
Black
Red
1NO/1NC
12–30 Vac/dc
M22S-DLH-R-K11-R
55.50
1NO/1NC
85–264 Vac
M22S-DLH-R-K11-230R
55.50
Green
2NO
12–30 Vac/dc
M22S-DLH-G-K20-G
55.50
2NO
85–264 Vac
M22S-DLH-G-K20-230G
55.50
White
2NO
12–30 Vac/dc
M22S-DLH-W-K20-W
55.50
2NO
85–264 Vac
M22S-DLH-W-K20-230W
55.50
Bezel
Button Color
Catalog Number
Price U.S. $
Silver
Red
M22-DLH-R
10.70
Green
M22-DLH-G
10.70
White
M22-DLH-W
10.70
Blue
M22-DLH-B
10.70
Yellow
M22-DLH-Y
10.70
Black
Red
M22S-DLH-R
9.20
Green
M22S-DLH-G
9.20
White
M22S-DLH-W
9.20
Blue
M22S-DLH-B
9.20
Yellow
M22S-DLH-Y
9.20
Silver Guarded
Red
M22-DGLH-R
18.20
Green
M22-DGLH-G
18.20
White
M22-DGLH-W
18.20
Blue
M22-DGLH-B
18.20
Yellow
M22-DGLH-Y
18.20
M22-DLH-R-K11-R
M22S-DLH-R-K11-R
M22-DLH-R
M22S-DLH-R
M22-DGLH-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com