Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DR-R Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # M22-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DR-R Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button M22-DR-R Datasheet HTML 14Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 15Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 16Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 17Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 18Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 19Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 20Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 21Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
18
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Illuminated Pushbuttons, Flush, Maintained
Complete Devices
Operators Only
Notes
Maintained pushbuttons can be converted in the field to momentary operation by switching the locking ring,
which is accessible through the side of the operator body.
Includes contact block mounting adapter.
Discount Symbol: 1CD1.
Note:
This pilot device features a selectable function switch that enables the device
to be set to either maintained or momentary operation.
Bezel
Button Color
Contact Block Configuration
Light Unit Voltage
Catalog Number
Price U.S. $
Silver
White
NO
12–30 Vac/dc
M22-DRL-W-K10-W
51.50
NO
85–264 Vac
M22-DRL-W-K10-230W
51.50
NC
12–30 Vac/dc
M22-DRL-W-K01-W
51.50
NC
85–264 Vac
M22-DRL-W-K01-230W
51.50
2NO
12–30 Vac/dc
M22-DRL-W-K20-W
61.50
2NO
85–264 Vac
M22-DRL-W-K20-230W
61.50
2NC
12–30 Vac/dc
M22-DRL-W-K02-W
61.50
2NC
85–264 Vac
M22-DRL-W-K02-230W
61.50
1NO/1NC
12–30 Vac/dc
M22-DRL-W-K11-W
61.50
1NO/1NC
85–264 Vac
M22-DRL-W-K11-230W
61.50
Black
White
NO
12–30 Vac/dc
M22S-DRL-W-K10-W
50.00
NO
85–264 Vac
M22S-DRL-W-K10-230W
50.00
NC
12–30 Vac/dc
M22S-DRL-W-K01-W
50.00
NC
85–264 Vac
M22S-DRL-W-K01-230W
50.00
2NO
12–30 Vac/dc
M22S-DRL-W-K20-W
60.00
2NO
85–264 Vac
M22S-DRL-W-K20-230W
60.00
2NC
12–30 Vac/dc
M22S-DRL-W-K02-W
60.00
2NC
85–264 Vac
M22S-DRL-W-K02-230W
60.00
1NO/1NC
12–30 Vac/dc
M22S-DRL-W-K11-W
60.00
1NO/1NC
85–264 Vac
M22S-DRL-W-K11-230W
60.00
Bezel
Button Color
Catalog Number
Price U.S. $
Silver
Red
M22-DRL-R
15.50
Green
M22-DRL-G
15.50
White
M22-DRL-W
15.50
Blue
M22-DRL-B
15.50
Yellow
M22-DRL-Y
15.50
Black
Red
M22S-DRL-R
14.00
Green
M22S-DRL-G
14.00
White
M22S-DRL-W
14.00
Blue
M22S-DRL-B
14.00
Yellow
M22S-DRL-Y
14.00
M22-DRL-W-K10-W
M22S-DRL-W-K10-W
M22-DRL-W
M22S-DRL-W
= Positively driven contact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com