Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DR-R Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # M22-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DR-R Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button M22-DR-R Datasheet HTML 24Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 25Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 26Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 27Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 28Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 29Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 30Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 31Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
28
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Illuminated Emergency Stops
Complete Devices
Note
Discount Symbol: 1CD1.
Type
Button Color
LED Color
Contact Block Configuration
Light Unit Voltage
Catalog Number
Price U.S. $
Push-Pull
Red
Red
NC
12–30 Vac/dc
M22-PVL-K01-R
57.00
2NC
12–30 Vac/dc
M22-PVL-K02-R
67.00
1NO-2NC
12–30 Vac/dc
M22-PVL-K12-R
76.50
NC
85–264 Vac
M22-PVL-K01-230R
57.00
2NC
85–264 Vac
M22-PVL-K02-230R
67.00
1NO-2NC
85–264 Vac
M22-PVL-K12-230R
76.50
Twist-to-
Release
NC
12–30 Vac/dc
M22-PVLT-K01-R
73.00
2NC
12–30 Vac/dc
M22-PVLT-K02-R
83.00
1NO-2NC
12–30 Vac/dc
M22-PVLT-K12-R
92.50
NC
85–264 Vac
M22-PVLT-K01-230R
73.00
2NC
85–264 Vac
M22-PVLT-K02-230R
83.00
1NO-2NC
85–264 Vac
M22-PVLT-K12-230R
92.50
M22-PVL-K01-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com