Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DR-R Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # M22-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DR-R Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button M22-DR-R Datasheet HTML 51Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 52Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 53Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 54Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 55Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 56Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 57Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 58Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
55
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Selection
Potentiometers
Complete Devices
Acoustic Devices
Complete Devices
Buzzers
Note
Discount Symbol: 1CD1.
Bezel
Resistance
Rk
Catalog
Number
Price
U.S. $
Silver
1
M22-R1K
126.00
4.7
M22-R4K7
126.00
10
M22-R10K
126.00
47
M22-R47K
126.00
100
M22-R100K
126.00
470
M22-R470K
126.00
Black
1
M22S-R1K
124.00
4.7
M22S-R4K7
124.00
10
M22S-R10K
124.00
47
M22S-R47K
124.00
100
M22S-R100K
124.00
470
M22S-R470K
124.00
Oversized Knob
Silver
1
M22-R1K-RH
131.00
4.7
M22-R4K7-RH
131.00
10
M22-R10K-RH
131.00
47
M22-R47K-RH
131.00
100
M22-R100K-RH
131.00
470
M22-R470K-RH
131.00
Black
1
M22S-R1K-RH
129.00
4.7
M22S-R4K7-RH
129.00
10
M22S-R10K-RH
129.00
47
M22S-R47K-RH
129.00
100
M22S-R100K-RH
129.00
470
M22S-R470K-RH
129.00
M22-R10K
Description
Decibel
Rating
Catalog
Number
Price
U.S. $
Indicator with buzzer,
black Continuous
tone, 18–30 Vac/dc
83 dB/
10 cm
M22-AMC-XAM
65.00
Indicator with buzzer,
black Pulsed tone,
18–30 Vac/dc
83 dB/
10 cm
M22-AMC-XAMP
65.00
Description
Decibel
Rating
Catalog
Number
Price
U.S. $
Indicator without
buzzer, black
83 dB/
10 cm
M22-AMC
27.00
Buzzer only,
Continuous tone,
18–30 Vac/dc
83 dB/
10 cm
M22-XAM
38.00
Buzzer only, Pulsed
tone, 18–30 Vac/dc
83 dB/
10 cm
M22-XAMP
38.00
M22-AMC-XAM
M22-XAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com