Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DR-R Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # M22-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DR-R Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button M22-DR-R Datasheet HTML 21Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 22Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 23Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 24Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 25Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 26Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 27Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 28Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
25
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Indicating Lights, Flush
Components
Lenses
Lensless Indicating Light
Light Units
Notes
For complete listing of available lenses and light units, see Accessories, Pages 59–64.
Minimum order quantity of (10).
When ordering, specify inscription per catalog number suffix from the symbols library (see
Pages 77–84) into the Order Notes. For example, M22-XL-R-ETCH; Order Notes: Mark with
symbol X91, Line item #_.
Select the same color LED element as lens color; for yellow lens, choose a white LED.
Discount Symbol: 1CD1.
max.
5mm
thick
ness
Note: Included
with operator.
Color
Inscription
Catalog
Number
Price
U.S. $
Red
M22-XL-R
6.60
Custom
M22-XL-R-ETCH
7.60
OFF
M22-XL-R-GB5
7.60
Green
M22-XL-G
6.60
Custom
M22-XL-G-ETCH
7.60
ON
M22-XL-G-GB6
7.60
REVERSE
M22-XL-G-GB16
7.60
Blue
M22-XL-B
6.60
Custom
M22-XL-B-ETCH
7.60
FAULT
M22-XL-B-GB8
7.60
White
M22-XL-W
6.60
Custom
M22-XL-W-ETCH
7.60
OFF
M22-XL-W-GB5
7.60
ON
M22-XL-W-GB6
7.60
FAULT
M22-XL-W-GB8
7.60
FORWARD
M22-XL-W-GB15
7.60
Yellow
M22-XL-Y
6.60
Custom
M22-XL-Y-ETCH
7.60
Catalog
Number
Price
U.S. $
M22-L-X
4.05
M22-XL-R
M22-L-X
Terminal
Type
LED
Color
Light Unit
Voltage
Catalog
Number
Price
U.S. $
Screw
White
12–30
Vac/dc
M22-LED-W
26.00
Red
M22-LED-R
26.00
Green
M22-LED-G
26.00
Blue
M22-LED-B
26.00
Screw
White
85–264
Vac
M22-LED230-W
26.00
Red
M22-LED230-R
26.00
Green
M22-LED230-G
26.00
Blue
M22-LED230-B
26.00
M22-LED-W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com