Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DR-R Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # M22-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DR-R Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button M22-DR-R Datasheet HTML 23Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 24Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 25Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 26Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 27Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 28Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 29Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 30Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
27
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Non-Illuminated Emergency Stops
Components
Operators Only
Contact Blocks
Extra Keys
Accessories
Notes
Includes contact block mounting adapter.
For complete listing of available contact blocks, see Accessories, Pages 59–64.
Key included. For identical locks and keys, use the same key code. One key is included with
actuator; additional keys are available as accessories.
Includes Key Code MS1.
For use with key release operators only. One key included with operator.
Discount Symbol: 1CD1.
max.
5mm
thick
ness
Note: Included
with operator.
Type
Color
Catalog Number
Price
U.S. $
Push-Pull
Red
M22-PV
20.60
Black
M22S-PV
20.60
Twist-to-
Release
Red
M22-PVT
36.75
Black
M22S-PVT
36.75
Key Release
Red
M22-PVS
67.00
M22-PVS-MS2
67.00
M22-PVS-MS3
67.00
M22-PVS-MS4
67.00
M22-PVS-MS5
67.00
M22-PVS-MS6
67.00
M22-PVS-MS7
67.00
M22-PVS-MS8
67.00
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
M22-PV
M22-K10
For Key Code
Catalog
Number
Price
U.S. $
MS1
M22-ES-MS1
4.40
MS2
M22-ES-MS2
4.40
MS3
M22-ES-MS3
4.40
MS4
M22-ES-MS4
4.40
MS5
M22-ES-MS5
4.40
MS6
M22-ES-MS6
4.40
MS7
M22-ES-MS7
4.40
MS8
M22-ES-MS8
4.40
Description
Catalog
Number
Price
U.S. $
Guard Ring
M22-XGWK
11.25
Yellow Guard Ring
M22-XGPV
16.25
Gray Guard Ring
M22G-XGPV
16.25
Sealing Shroud
M22-PL-PV
22.00
M22-ES-MS1
M22-XGWK
M22-XGPV
M22G-XGPV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com