Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DR-R Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # M22-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DR-R Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button M22-DR-R Datasheet HTML 52Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 53Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 54Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 55Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 56Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 57Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 58Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 59Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
56
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Through-the-Door Operators
Complete Devices
Buttonless Operator
Button Plates
Bulkhead Interfaces
USB Socket
RJ45 Socket
ASi Adapter Modules
Complete Devices
Notes
The pushrod is 3.24 in long and can be cut to length.
Any combination of plate color and inscription is available.
Minimum order quantity of (10).
USB interface is complete with 2-ft-long USB cable.
RJ45 interface is an 8-wire connector.
Available Q2 2009.
Discount Symbol: 1CD1.
Color
Inscription
Catalog
Number
Price
U.S. $
Blue
M22-DZ-B
17.20
RESET
M22-DZ-B-GB14
18.20
M22-DZ-B-X6
18.20
Red
M22-DZ-R
17.20
M22-DZ-R-X0
18.20
STOP
M22-DZ-R-GB0
18.20
Bezel
Catalog
Number
Price
U.S. $
Silver
M22-DZ-X
16.20
Color
Inscription
Catalog
Number
Price
U.S. $
Blue
M22-XD-B
1.00
RESET
M22-XD-B-GB14
2.00
M22-XD-B-X6
2.00
Red
M22-XD-R
1.00
M22-XD-R-X0
2.00
STOP
M22-XD-R-GB0
2.00
M22-DZ-B-X6
M22-DZ-X
M22-XD-B
Description
Catalog
Number
Price
U.S. $
Used for USB connection
USB 2.0 Type A plug
IP65 when closed
IP20 when connected
M22-USB-SA
94.50
Description
Catalog
Number
Price
U.S. $
Used for RJ45 Ethernet
connection IP65 when
closed IP20 when connected
M22-RJ45-SA
61.50
Description
Catalog
Number
Price
U.S. $
ASi adapter module
M22-ASI
167.00
ASi adapter module for
base mounting
M22-ASI-C
170.00
ASi adapter module for
E-Stop
M22-ASI-CS
213.00
ASi adapter module for
E-Stop base mounting
M22-ASI-S
248.00
M22-USB-SA
M22-RJ45-SA
M22-ASI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com