Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 5 Page - Diodes Incorporated

  AM4964 Datasheet HTML 1Page - Diodes Incorporated AM4964 Datasheet HTML 2Page - Diodes Incorporated AM4964 Datasheet HTML 3Page - Diodes Incorporated AM4964 Datasheet HTML 4Page - Diodes Incorporated AM4964 Datasheet HTML 5Page - Diodes Incorporated AM4964 Datasheet HTML 6Page - Diodes Incorporated AM4964 Datasheet HTML 7Page - Diodes Incorporated AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
5 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
18
V
IOUT
Output Current
1.0
A
VOUT
Output Voltage
18
V
VFG
FG Output Voltage
18
V
IFG
FG Output Current
10
mA
PD
Power Dissipation
1.1
W
TSTG
Storage Temperature Range
-55 to +150
°C
JA
Thermal Resistance (Junction to Ambient) (Note 5)
114
°C/W
ESD
ESD (Human Body Model)
3000
V
ESD
ESD (Machine Model)
300
V
Notes:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability
5. TSSOP-20EP exposed pad is soldered to minimum recommended landing pads (see Package Outline Dimension section) on a 4.0mm x 3.0mm two-
layer 2oz.copper FR4 PCB (1.6mm thickness) with four thermal vias in the exposed PAD to the copper flood on the bottom layer. See thermal de-rating
curves in the thermal performance section.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
3.5
12
16
V
VIN+
Hall Input Voltage +
0.2
–
3
V
VIN-
Hall Input Voltage -
0.2
–
3
V
TA
Ambient Temperature
-30
–
+90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com