Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 4 Page - Diodes Incorporated

  AM4964 Datasheet HTML 1Page - Diodes Incorporated AM4964 Datasheet HTML 2Page - Diodes Incorporated AM4964 Datasheet HTML 3Page - Diodes Incorporated AM4964 Datasheet HTML 4Page - Diodes Incorporated AM4964 Datasheet HTML 5Page - Diodes Incorporated AM4964 Datasheet HTML 6Page - Diodes Incorporated AM4964 Datasheet HTML 7Page - Diodes Incorporated AM4964 Datasheet HTML 8Page - Diodes Incorporated AM4964 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
4 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Functional Block Diagram
Thermal
Shutdown
Control
Circuit
Triangle Wave
VCC
RADJ
VMIN
PWM
CF
OUT1
OUT2
FG
3
Pre-
driver
V+
4
5
6
7
8
9
14
19
V+
V+
V+
V+
104k
42k
90k
54k
51k
56k
93k
18k
17k
RT
TL
10
TH
17
Vreg
Lock Shutdown
and
Auto Restart
Hysteresis Amp
CT
IN +
IN -
PGND
11
13
15
2
TA
1.25V
HB
18
12
SGND
16
Truth Table
Items
IN-
IN+
CF
CT
OUT1
OUT2
FG
Mode
1
H
L
L
L
H
L
L
Rotation
2
L
H
L
H
Off
PWM Off
3
H
L
H
Off
L
L
Rotation Recirculation
4
L
H
L
Off
Off
PWM Off
5
H
L
L
H
H
Off
L
Lock Protection
6
L
H
Off
H
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com