Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 9Page - Diodes Incorporated AM4964 Datasheet HTML 10Page - Diodes Incorporated AM4964 Datasheet HTML 11Page - Diodes Incorporated AM4964 Datasheet HTML 12Page - Diodes Incorporated AM4964 Datasheet HTML 13Page - Diodes Incorporated AM4964 Datasheet HTML 14Page - Diodes Incorporated AM4964 Datasheet HTML 15Page - Diodes Incorporated AM4964 Datasheet HTML 16Page - Diodes Incorporated AM4964 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
13 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Applications Note
Typical application circuit for PWM input signal for speed control with AM4964 is shown below. The speed is primarily controlled by a voltage on
the CF pin (either from DC voltage signal or PWM inputs signal converted to DC voltage).
OUT2
OUT1
VCC
CT
VMIN
RADJ
PWM
IN-
CF
FG
IN+
RT
TH
Hall
D1
C1
1
F
R2
VCC
L1
C3
1
F
0.47F
3
R3
R4
V+
R5
R6
V+
4
5
6
7
8
9
11
13
14
15
17
18
R1
RT
C2
R9
SGND
16
HB
R7
D2
PGND
NC
NC
TA
1
2
10
R8
TL
12
19
D3
20
note7
Typical Application Circuit (External PWM Input Speed Control)
Note 7: C1 is for power stabilization and should be 1
μF or higher depending on the motor current and motor design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com